Electronic Components Datasheet Search
  English  ▼

X  

AV01 Datasheet(PDF) 1 Page - Veris. All Rights Reserved.

Part # AV01
Description  SNAPTRACK
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VERIS [Veris. All Rights Reserved.]
Direct Link  https://www.veris.com/
Logo VERIS - Veris. All Rights Reserved.

AV01 Datasheet(HTML) 1 Page - Veris. All Rights Reserved.

  AV01 Datasheet HTML 1Page - Veris. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VERIS INDUSTRIES
800.354.8556
+1 503.598.4564
www.veris.com
AV01
DIN Rail and SNAPTRACK
Pre-Cut Lengths for Fast, Easy Installation
AV01, AV02, AV03, AV04
DIMENSIONAL DRAWING
ORDERING INFORMATION
HQ0001910.A 01121
AV02
(actual clip style
may vary)
AV03
AV04
AV01
AV02
0.630"
(16mm)
0.365"
(9.27mm)
0.85"
(22mm)
1.36"
(35mm)
1.38"
(35mm)
1.67"
(42mm)
Length
0.70"
(18mm)
0.70"
(18mm)
2.75"
(70mm)
4.0"
(102mm)
0.393"
(10mm)
0.984"
(25mm)
0.393"
(10mm)
0.045"
(1.14mm)
1.02"
(26mm)
0.299"
(7.6mm)
1.377 + 0.011-.007"
(35 + 0.3 -0.2mm)
38.37"
(1000mm)
0.095"
(2.41mm)
AV03
AV04
MODEL
DESCRIPTION
AV01
35 mm DIN Rail, 1 meter length
AV02
DIN Rail Stop Clip
AV03
2.75” SNAPTRACK, 1 foot length
AV04
4.00” SNAPTRACK, 1 foot length


Similar Part No. - AV01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AV01 ETC1-AV01 Datasheet
128Kb / 1P
Anti-Vandal Switch
11/09/20V1.0
AV01-B22-M1-IP65 ETC1-AV01-B22-M1-IP65 Datasheet
128Kb / 1P
Anti-Vandal Switch
11/09/20V1.0
AV01-B22-M1-IP65 ETC-AV01-B22-M1-IP65 Datasheet
128Kb / 1P
Anti-Vandal Switch
11/09/20
logo
Pro-Signal
AV01485 PROSIGNAL-AV01485 Datasheet
196Kb / 1P
Curly Microphone Cable
V1.0 13/01/21
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com