Electronic Components Datasheet Search
  English  ▼

X  

AV02 Datasheet(PDF) 1 Page - Veris. All Rights Reserved.

Part # AV02
Description  SNAPTRACK
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VERIS [Veris. All Rights Reserved.]
Direct Link  https://www.veris.com/
Logo VERIS - Veris. All Rights Reserved.

AV02 Datasheet(HTML) 1 Page - Veris. All Rights Reserved.

  AV02 Datasheet HTML 1Page - Veris. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VERIS INDUSTRIES
800.354.8556
+1 503.598.4564
www.veris.com
AV01
DIN Rail and SNAPTRACK
Pre-Cut Lengths for Fast, Easy Installation
AV01, AV02, AV03, AV04
DIMENSIONAL DRAWING
ORDERING INFORMATION
HQ0001910.A 01121
AV02
(actual clip style
may vary)
AV03
AV04
AV01
AV02
0.630"
(16mm)
0.365"
(9.27mm)
0.85"
(22mm)
1.36"
(35mm)
1.38"
(35mm)
1.67"
(42mm)
Length
0.70"
(18mm)
0.70"
(18mm)
2.75"
(70mm)
4.0"
(102mm)
0.393"
(10mm)
0.984"
(25mm)
0.393"
(10mm)
0.045"
(1.14mm)
1.02"
(26mm)
0.299"
(7.6mm)
1.377 + 0.011-.007"
(35 + 0.3 -0.2mm)
38.37"
(1000mm)
0.095"
(2.41mm)
AV03
AV04
MODEL
DESCRIPTION
AV01
35 mm DIN Rail, 1 meter length
AV02
DIN Rail Stop Clip
AV03
2.75” SNAPTRACK, 1 foot length
AV04
4.00” SNAPTRACK, 1 foot length


Similar Part No. - AV02

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AV02-0744EN AVAGO-AV02-0744EN Datasheet
279Kb / 5P
The 4-pin MOST Optical Receiver (ODIN MIR4 02)
AV02-0745EN AVAGO-AV02-0745EN Datasheet
156Kb / 5P
The 4-pin MOST Optical Receiver (ODIN MPR4 02)
AV02-0746EN AVAGO-AV02-0746EN Datasheet
153Kb / 5P
The 4-pin MOST Optical Receiver (ODIN MOR4 02)
AV02-1496EN AVAGO-AV02-1496EN Datasheet
356Kb / 11P
Standard SMT and Through Hole Lead Bend Options for Subminiature LED Lamps
AV02-1848EN AVAGO-AV02-1848EN Datasheet
267Kb / 10P
Plastic Optical Fiber Cable and Accessories for Versatile Link
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com