Electronic Components Datasheet Search
  English  ▼

X  

CWV Datasheet(PDF) 2 Page - Veris. All Rights Reserved.

Part # CWV
Description  Gas Detection
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VERIS [Veris. All Rights Reserved.]
Direct Link  https://www.veris.com/
Logo VERIS - Veris. All Rights Reserved.

CWV Datasheet(HTML) 2 Page - Veris. All Rights Reserved.

  CWV Datasheet HTML 1Page - Veris. All Rights Reserved. CWV Datasheet HTML 2Page - Veris. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
X = No option
B = 100R Platinum
C = 1k Platinum
D = 10k T2
E = 2.2k
F = 3k
H = 10k T3
J = 10k Dale
K = 10k w/11k with shunt
M = 20k NTC
N = 1800 ohm
P = 10m V/C
R = 10k US
S = 10k 3A 221
U = 20k “D”, Thermistor
W = 10k T2 high accuracy, Thermistor
Y = 10k T3 high accuracy, Thermistor
1 = Relay
POWER SOURCE
20 to 30 Vdc
or
24 Vac
COMMON
Output #2 mA or voltage
Power
Ground
Output #1 mA or voltage
INPUT mA OR VOLTAGE
INPUT mA OR VOLTAGE
DDC PANEL
V OUT 1
Relay 2
V OUT 2
Relay 1
10
5
3
Status
800
1000
Status
800
1000
10
5
3
Relay 2/temp
output
(optional)
Relay 1 output
(optional)
Calibrate
4.6"
(116 mm)
3.3"
(84 mm)
1.4"
(36 mm)
CWVS
Outputs
Relay Option
1 = 0-3/5/10VDC and 4-20mA
2 = Dual 4-20mA
3 = Dual 0-3/5/10VDC
X = None
1 = Relay
Warranty
1 = 1 Year
3 = 3 Years
5 = 5 Years
Thermistor/2nd
Relay option
Example:
Housing
Blank = White/gray
B = Black
ORDERING INFORMATION
CWVS
1
1
1
5
WIRING DIAGRAM
DIMENSIONAL DRAWING
800.354.8556 | +1 503.598.4564 | sales@veris.com | intl@veris.com | www.veris.com
TM
Air Quality / Gas Detection | CWV Series
HQ0001742.F 0117



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com