Electronic Components Datasheet Search
  English  ▼

X  

GPS Datasheet(PDF) 1 Page - Veris. All Rights Reserved.

Part # GPS
Description  Gas Detection
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VERIS [Veris. All Rights Reserved.]
Direct Link  https://www.veris.com/
Logo VERIS - Veris. All Rights Reserved.

GPS Datasheet(HTML) 1 Page - Veris. All Rights Reserved.

  GPS Datasheet HTML 1Page - Veris. All Rights Reserved. GPS Datasheet HTML 2Page - Veris. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HQ0007959.B 0324
800.354.8556 | +1 503.598.4564 | sales@veris.com | intl@veris.com | veris.com
Air Quality / Gas Detection | Ionization Systems and Sensors
An ion is a molecule or atom that is positively or negatively charged,
meaning it must either gain or relinquish electrons in order to become
neutral. Naturally occurring ions are everywhere in the outdoors, and
they are constantly working to clean the air. Ions are created with energy
from rushing water, crashing waves and even sunlight.
Needlepoint Bipolar Ionization (NPBI) technology cleans indoor air by
generating ions without producing ozone or other harmful by-prod-
ucts, so you can bring outdoor freshness to the indoors. This patented
technology produces a high concentration of positive and negative
ions, delivering them to the space via the ventilation system. Within the
air stream, ions attach to particles, where they combine, become larger
and are more easily filtered from the air. When ions come in contact with
pathogens, they disrupt the pathogens’ surface proteins, rendering them
inactive. Five separate in duct ionization systems to fit your application
are offered.
The iMEASURE-D Duct Ionization sensor allows for monitoring of levels
of ionization in the air. Higher ionization levels means fewer active path-
ogens and larger particles more easily filtered out of the air.
IONIZATION SYSTEMS
Input Voltage
GPS-FC and GPS-DM models: 24 to 240 Vac;
GPS-iRIB models: 110 to 240 Vac
Power
GPS-FC24-AC: 8 Watts; GPS-FC48-AC: 10 Watts;
GPS-DM48-AC: 12 Watts; GPS-iRIB: 5 Watts
Frequency
50/60 Hz
Ion Output
GPS-FC48-AC/GPS-DM48-AC: >400 million ions/sec;
GPS-FC24-AC: >300 million ions/sec;
GPS-iRIB: >35 million ions/sec per foot
Airflow Capacity
GPS-FC48-AC/GPS-DM48-AC: 4800 CFM / 12 Tons;
GPS-FC24-AC: 2400 CFM / 6 Tons;
GPS-iRIB: 3200 CFM / 8 Tons
GPS SERIES
Needlepoint Bipolar Ionization Systems
APPLICATIONS
• Healthcare
• Schools and universities
• Manufacturing
• Office buildings
• Airports
• Food service
• Fitness
• Arenas and stadiums
• Hospitality
• Worship
Reduces particles
Particle reduction and smoke
control
Neutralizes odors
Odors neutralized by destroying
VOCs
Reduces
pathogens
Kills pathogens (bacteria, viruses,
mold), helps to control
allergens/asthma, prevents
Dirty Sock Syndrome
Saves energy
Energy savings of up to 30%
by reducing outdoor air intake,
reducing pressure loss by keeping
coils clean without an expensive
UV system, and requires no
maintenance
SPECIFICATIONS
GPS-FC48-AC
GPS-DM48-AC
Status Display
GPS-DM48-AC: LCD display indicates relay status and is
used for adjustment of auto-cleaning frequency;
GPS-FC models: Single LED indicates relay status and is
used for adjustment of auto-cleaning frequency;
GPS-iRIB models: Single LED indicates relay status
Alarm Relay
Rating
250 Vac / 1A, N.O. (close when powered with no faults)
Operating Tem-
perature Range
GPS-FC and GPS-DM models: -20 to 200 °F (-29 to 93 °C);
GPS-iRIB Models: -40 to 140 °F (-40 to 60 °C)
Auto-Cleaning
GPS-FC and GPS-DM models only: Mechanical wiper,
default setting brushes every three days
IONIZATION SENSOR
Mounting
Location
Duct
Input Voltage
12 to 24 Vac / Vdc
Current draw
100 mA max.
Sensor Range
0 to 20K, 0 to 200K, 0 to 2M Ions/cc (jumper selectable)
Sensor Output
0 to 10 Vdc
Power
<2 Watts
Operating Tem-
perature Range
-20 to 140 °F (-4 to 60 °C)
Humidity Range
0 to 99% RH, non-condensing
WARRANTY
Limited Warranty 1 year
AGENCY APPROVALS
Agency
Approvals
UL867, OSHPD Seismic (OSP), IAQP, CE
iMEASURE-D
GPS-iRIB-18 and
GPS-iRIB-36
GPS-FC24-AC


Similar Part No. - GPS

ManufacturerPart #DatasheetDescription
logo
SHENZHEN KYL COMMUNICAT...
GPS KYL-GPS Datasheet
168Kb / 15P
Tracker
logo
Harris Corporation
GPS HARRIS-GPS Datasheet
265Kb / 2P
GPS Speaker Microphone
logo
Advantech Co., Ltd.
GPS-100 ADVANTECH-GPS-100 Datasheet
321Kb / 1P
Embedded GPS Module with Patch Antenna
GPS-101 ADVANTECH-GPS-101 Datasheet
321Kb / 1P
Embedded GPS Module with Patch Antenna
GPS-102 ADVANTECH-GPS-102 Datasheet
314Kb / 1P
GPS Module with Dead Reckoning Sensor
More results

Similar Description - GPS

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59010D1135B040 EPCOS-B59010D1135B040 Datasheet
68Kb / 3P
Liquid level detection in tanks (oil, gas, etc.) and home appliances
logo
Figaro Engineering Inc.
TGS2610 FIGARO-TGS2610 Datasheet
279Kb / 2P
Detection of LP Gas
logo
Zhengzhou Winsen Electr...
ZE03 WINSEN-ZE03 Datasheet
477Kb / 7P
Electrochemical Gas Detection Module
ZP04 WINSEN-ZP04 Datasheet
425Kb / 7P
Combustible Gas Detection Module
ZP06 WINSEN-ZP06 Datasheet
419Kb / 5P
Vehicle-Mounted Fuel Gas Leakage Detection Module
ZP10 WINSEN-ZP10 Datasheet
430Kb / 5P
Vehicle-Mounted Fuel Gas Leakage Detection Module
ZP14 WINSEN-ZP14 Datasheet
348Kb / 8P
Combustible Gas Detection Module
WSP5110 WINSEN-WSP5110 Datasheet
767Kb / 7P
Refrigerant detection Gas Sensor
ZE11 WINSEN-ZE11 Datasheet
537Kb / 6P
Electrochemical Gas Detection Module
ZE12 WINSEN-ZE12 Datasheet
357Kb / 6P
Electrochemical Gas Detection Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com