Electronic Components Datasheet Search
  English  ▼

X  

H800 Datasheet(PDF) 2 Page - Veris. All Rights Reserved.

Part # H800
Description  Current Monitoring
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VERIS [Veris. All Rights Reserved.]
Direct Link  https://www.veris.com/
Logo VERIS - Veris. All Rights Reserved.

H800 Datasheet(HTML) 2 Page - Veris. All Rights Reserved.

  H800 Datasheet HTML 1Page - Veris. All Rights Reserved. H800 Datasheet HTML 2Page - Veris. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MODEL
AMPERAGE RANGE
@ 50/60 HZ ONLY
STATUS OUTPUT
(MAX.)
TRIP
POINT
HOUSING
UL
CE
LEAD
FREE
H300
0.15 to 60 A
N.O. 1.0 A @ 30 Vac/dc
0.15 A or less
Split-core
•• 2
••
H600
0.15 to 200 A
N.O. 1.0 A @ 30 Vac/dc
0.15 A or less
Split-core
•• 1
••
H800
0.25 to 200 A
N.O. 1.0 A @ 30 Vac/dc
0.25 A or less Solid-core
•• 1
••
H800NC
0.5 to 200 A
N.C. 0.1 A @ 30 Vdc
0.5 A or less
Solid-core
•• 1
••
H800HV
0.75 to 200 A
N.O. 0.5 A @ 250 Vac/dc
0.75 A or less
Solid-core
•• 3
H900
1.5 to 200 A
N.O. 1.0 A @ 30 Vac/dc
1.5 A or less
Split-core
••
••
POWER
SOURCE
POWER
SOURCE
BUILDING AUTOMATION
CONTROLLER
UNIT VENT HEATER
Digital
Input
Digital
Input
2.5" *
(64 mm)
2.1"
(54 mm)
3.5"
(89 mm)
2.9"
(74 mm)
0.4”x 0.2”
(10 mm x 5 mm)
Slot (2x)
1.2"
(31 mm)
Removable Mounting Bracket
0.7"
(18 mm)
0.5"
(13 mm)
2.1"
(54 mm)
1.0"
(26 mm)
0.6"
(16 mm)
Self-gripping Iris
0.7"
(18 mm)
0.4”x 0.2”
Slot (x2)
2.8" *
(71 mm)
1.7
(43 mm)
2.3"
(58 mm)
1.1" *
(27 mm)
0.9"
(23 mm)
Removable/Adjustable Mounting Bracket
Removable Mounting Bracket
0.3”
(8 mm)
6 AWG max.
1.6”
(40 mm)
1.5”
(38 mm)
0.6”
(15 mm)
1.8”
(46 mm)
Ø 0.18”(x2)
(5 mm)
Self-gripping Iris
Removable Mounting Bracket
Self-gripping Iris
1.0”
(25 mm)
0.8”
(21 mm)
1.1”
(26 mm)
3.1”**
(79 mm)
2.8”
(70 mm)
Ø 0.3”
(8 mm)
1.4”*
(36 mm)
2.5”
(64 mm)
3.0”
(76 mm)
Bracket can
be mounted
on three sides
for added
installation
flexibility.
ORDERING INFORMATION
H300
Dimensional Drawing
H800, H800HV, H800NC
Dimensional Drawing
H600
Dimensional Drawing
H900
Dimensional Drawing
UNIT VENT HEATER CONTROL
Wiring Diagram
* Terminal block may extend up to 1/8” over the height dimensions shown.
* Terminal block may extend up to 1/8” over the height dimensions shown.
** Slide switch may extend up to 1/4” over the height dimensions shown.
1. Listed for use on 75°C
insulated conductors.
2. Product provides functional
insulation only.
3. Listed for use on 90°C
insulated conductors.
800.354.8556 | +1 503.598.4564 | sales@veris.com | intl@veris.com | veris.com
Current Monitoring | Hx00 Series
HQ0001753.H 0521



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com