Electronic Components Datasheet Search
  English  ▼

X  

REF1004 Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # REF1004
Description  1.2V and 2.5V Micropower VOLTAGE REFERENCE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

REF1004 Datasheet(HTML) 4 Page - Burr-Brown (TI)

  REF1004 Datasheet HTML 1Page - Burr-Brown (TI) REF1004 Datasheet HTML 2Page - Burr-Brown (TI) REF1004 Datasheet HTML 3Page - Burr-Brown (TI) REF1004 Datasheet HTML 4Page - Burr-Brown (TI) REF1004 Datasheet HTML 5Page - Burr-Brown (TI) REF1004 Datasheet HTML 6Page - Burr-Brown (TI) REF1004 Datasheet HTML 7Page - Burr-Brown (TI) REF1004 Datasheet HTML 8Page - Burr-Brown (TI) REF1004 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
®
REF1004
TYPICAL PERFORMANCE CURVES 1.2V (CONT)
TA = +25°C unless otherwise noted.
Frequency (Hz)
1k
10k
100k
100
10
700
600
500
400
300
200
100
0
NOISE VOLTAGE
I
REF = 100µA
T
A = 25°C
FILTERED OUTPUT NOISE
100
1k
10k
100k
Cutoff Frequency (Hz)
70
60
50
40
30
20
10
0
I
REF = 100µA
100µA
R
C
RESPONSE TIME
Time (µSec)
0
100
200
300
400
500
600
1.5
1.0
0.5
0.0
5
2.5
0
36k
Ω
V
IN
V
OUT
Output
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com