Electronic Components Datasheet Search
  English  ▼

X  

RTL8181 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # RTL8181
Description  Wireless LAN Access Point/Gateway Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RTL8181 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button RTL8181 Datasheet HTML 35Page - List of Unclassifed Manufacturers RTL8181 Datasheet HTML 36Page - List of Unclassifed Manufacturers RTL8181 Datasheet HTML 37Page - List of Unclassifed Manufacturers RTL8181 Datasheet HTML 38Page - List of Unclassifed Manufacturers RTL8181 Datasheet HTML 39Page - List of Unclassifed Manufacturers RTL8181 Datasheet HTML 40Page - List of Unclassifed Manufacturers RTL8181 Datasheet HTML 41Page - List of Unclassifed Manufacturers RTL8181 Datasheet HTML 42Page - List of Unclassifed Manufacturers RTL8181 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
RTL8181
CONFIDENTIAL
v1.0
39
Bit
Bit Name
Description
R/W
7:5
-
Reserved
4
RST
Reset: Setting this bit to 1 forces the RTL8181 do the WLAN MAC reset. During reset
reset state, it will disable the transmitter and receiver, and reinitializes the FIFOs. The
values of WLAN_IDR and WLAN_MAR7 will have no changes. This bit is 1 during the
reset operation, and is cleared to 0 when the reset operation is complete.
R/W
3
RE
Receiver Enable: When set to 1, and the receive state machine is idle, the receive machine
becomes active. This bit will read back as 1 whenever the receive state machine is active.
After initial power- up, software must insure that the receiver has completely reset before
setting this bit.
1: Enable
0: Disable
R/W
2
TE
Transmitter Enable: When set to 1, and the transmit state machine is idle, the transmit state
machine becomes active. This bit will read back as 1 whenever the transmit state machine
is active. After initial power-up, software must insure that the transmitter has completely
reset before setting this bit.
1: Enable
0: Disable
R/W
1-0
-
Reserved
Interrupt Mask Register (WLAN_IMR)
This register masks the interrupts that can be generated from the Interrupt Status Register. A hardware reset will clear all mask
bits. Setting a mask bit allows the corresponding bit in the Interrupt Status Register to cause an interrupt. The Interrupt Status
Register bits are always set to 1 if the condition is present, regardless of the state of the corresponding mask bit.
Bit
Bit Name
Description
R/W
15
TXFOVW
Tx FIFO Overflow Interrupt:
1: Enable
0: Disable
R/W
14
TimeOut
Time Out Interrupt:
1: Enable
0: Disable
R/W
13
BcnInt
Beacon Time out Interrupt:
1: Enable
0: Disable
R/W
12
ATIMInt
ATIM Time Out Interrupt:
1: Enable
0: Disable
R/W
11
TBDER
Tx Beacon Descriptor Error Interrupt:
1: Enable
0: Disable
R/W
10
TBDOK
Tx Beacon Descriptor OK Interrupt:
1: Enable
0: Disable
R/W
9
THPDER
Tx High Priority Descriptor Error Interrupt:
1: Enable
0: Disable
R/W
8
THPDOK
Tx High Priority Descriptor OK Interrupt:
1: Enable
0: Disable
R/W
7
TNPDER
Tx Normal Priority Descriptor Error Interrupt:
1: Enable
0: Disable
R/W
6
TNPDOK
Tx Normal Priority Descriptor OK Interrupt:
1: Enable
0: Disable
R/W
5
RXFOVW
Rx FIFO Overflow Interrupt:
1: Enable
0: Disable
R/W
4
RDU
Rx Descriptor Unavailable Interrupt:
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com