Electronic Components Datasheet Search
  English  ▼

X  

ILL21 Datasheet(PDF) 1 Page - Optronics International

Part # ILL21
Description  Opti-Brite LED 6" Dome Light
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTRONICS [Optronics International]
Direct Link  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International

ILL21 Datasheet(HTML) 1 Page - Optronics International

  ILL21 Datasheet HTML 1Page - Optronics International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Optronics International ­ www.optronicsinc.com ­ 888­654­0429
ILL21 SERIES
Opti­Brite LED 6” Dome Light
Raw lumen output: 250 lm, Effective lumen output: 214 lm
Low profile dome light – less than 5/8” thick
Operating voltage 12­24VDC; use with both 12VDC and 24VDC systems
Low voltage cut­off at 11VDC, prevents battery drain
Sealed, waterproof
Hard wired (black=power, white=ground)
Available in bulk and polypack packaging
Lifetime LED Warranty
Products
Bulk
Polypack
Diodes
Description
Qty
ILL21CB
ILL21CBP
21
21­LED 6" dome light for surface mount, hard
wired (black=power, white=ground), 12­24V
10
Accessories
Bulk
Polypack
Diodes
Description
Qty
A21CHB
A21CHBP
ILL21 bezel, chrome
25
Specifications
FMVSS:
MATERIALS:
Polycarbonate lens and housing
VOLT/AMP:
12.8VDC ­ .408A; 24VDC ­ .385A
WT/DIMS:
.250 lb. / 6.0938” x 6.0938” x .625”
WARRANTY:
Lifetime LED Warranty


Similar Part No. - ILL21

ManufacturerPart #DatasheetDescription
logo
Optronics International
ILL22 OPTRONICS-ILL22 Datasheet
254Kb / 2P
LED Sealed Dome Lights
ILL223CEHB OPTRONICS-ILL223CEHB Datasheet
254Kb / 2P
LED Sealed Dome Lights
ILL22C1224B OPTRONICS-ILL22C1224B Datasheet
254Kb / 2P
LED Sealed Dome Lights
ILL22CB OPTRONICS-ILL22CB Datasheet
254Kb / 2P
LED Sealed Dome Lights
ILL22CBB OPTRONICS-ILL22CBB Datasheet
254Kb / 2P
LED Sealed Dome Lights
More results

Similar Description - ILL21

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
5325F CML-5325F Datasheet
78Kb / 1P
Super Brite T-1 LED Assembly
logo
List of Unclassifed Man...
LEDRC150N ETC1-LEDRC150N Datasheet
39Kb / 2P
LED Dome and On-Axis Multi-Light (150 mm)
LEDRC200N ETC1-LEDRC200N Datasheet
39Kb / 2P
LED Dome and On-Axis Multi-Light (200 mm)
logo
Everlight Electronics C...
40-01-B4C-AJMB EVERLIGHT-40-01-B4C-AJMB Datasheet
119Kb / 7P
Dome POWER LED
logo
Dielectric Laboratories...
P21BN300MA4282 DILABS-P21BN300MA4282 Datasheet
389Kb / 4P
Opti - Cap
logo
Visual Communications C...
5325F VCC-5325F Datasheet
107Kb / 1P
Super Brite T-1 LED Assembly
logo
BetLux Electronics
TLS-SMD-6AUTO BETLUX-TLS-SMD-6AUTO Datasheet
76Kb / 2P
LED dome/door/ box light, Mono color
REV NO: V.2
logo
Micropac Industries
62100 MICROPAC-62100 Datasheet
124Kb / 2P
ULTRA-BRITE HERMETIC LED INDICATORS
logo
Schneider Electric
9001KP38LWW31 SCHNEIDER-9001KP38LWW31 Datasheet
168Kb / 2P
PILOT LIGHT 120V 30MM TYPE K OPTI
Nov 25, 2021
9001KP35LWW31 SCHNEIDER-9001KP35LWW31 Datasheet
155Kb / 3P
PILOT LIGHT 28V 30MM TYPE K OPTI
Dec 6, 2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com