Electronic Components Datasheet Search
  English  ▼

X  

ILL14CSB Datasheet(PDF) 1 Page - Optronics International

Part # ILL14CSB
Description  LED Interior Light with Touch Power & Dimming Functions
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTRONICS [Optronics International]
Direct Link  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International

ILL14CSB Datasheet(HTML) 1 Page - Optronics International

  ILL14CSB Datasheet HTML 1Page - Optronics International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Optronics International ­ www.optronicsinc.com ­ 888­654­0429
ILL14 SERIES
LED Interior Light with Touch Power & Dimming
Functions
Raw lumen output: 920 lm, Effective lumen output: 700 lm
Touch activation and dimming functions
Low profile surface mount design – less than 1/2” thick
Hard wired (red=power, black=ground)
Design includes 8” power and ground wires 
Push button has blue backlight when power is off unless noted
Operating temperature ­40 to 65 degrees C
Available in bulk and polypack packaging
Lifetime LED Warranty
Products
Bulk
Polypack
Diodes
Description
Qty
ILL14CSHB
ILL14CSHBP
150
LED interior light with touch switch and
dimming function, white trim ring, hard wired
(red=power, black=ground), blue backlight on
push button when light is off
1
ILL14CSB
ILL14CSBP
150
LED interior light with touch switch and
dimming function, white trim ring, hard wired
with spade connectors (red=power,
black=ground), blue backlight on push button
when light is off
1
ILL14CNHB
ILL14CNHBP
150
LED interior light with touch switch and
dimming function, white trim ring, hard wired
(red=power, black=ground), no blue backlight
on push button
1
Accessories
Bulk
Polypack
Diodes
Description
Qty
Specifications
FMVSS:
MATERIALS:
Aluminum housing, polycarbonate lens and trim ring
VOLT/AMP:
10­30VDC ­ 0.461A at 13.5V, 0.262A at 28V
WT/DIMS:
0.4 lbs. / 8.188" x 3" x .45"
WARRANTY:
Lifetime LED Warranty


Similar Part No. - ILL14CSB

ManufacturerPart #DatasheetDescription
logo
Optronics International
ILL10 OPTRONICS-ILL10 Datasheet
164Kb / 1P
Opti-Brite LED Dome Light
ILL10CCB OPTRONICS-ILL10CCB Datasheet
164Kb / 1P
Opti-Brite LED Dome Light
ILL11 OPTRONICS-ILL11 Datasheet
169Kb / 1P
Opti-Brite LED Dome Light
ILL11CCB OPTRONICS-ILL11CCB Datasheet
169Kb / 1P
Opti-Brite LED Dome Light
ILL12 OPTRONICS-ILL12 Datasheet
158Kb / 1P
Opti-Brite LED Dome Light
More results

Similar Description - ILL14CSB

ManufacturerPart #DatasheetDescription
logo
AUK corp
S6520 AUK-S6520 Datasheet
329Kb / 6P
LCD Back Light Inverter with Analog Dimming
logo
List of Unclassifed Man...
M8077 ETC1-M8077 Datasheet
153Kb / 3P
8 FUNCTIONS WITH MELODY XMAS LIGHT CONTROL
logo
AUK corp
S6520P AUK-S6520P Datasheet
337Kb / 6P
LCD Back Light Inverter with Analog Dimming
logo
ATMEL Corporation
AT42QT1012 ATMEL-AT42QT1012 Datasheet
85Kb / 6P
One-channel Toggle-mode Touch SensorIC with Power Management Functions
AT42QT1012 ATMEL-AT42QT1012_10 Datasheet
369Kb / 28P
One-channel Toggle-mode Touch Sensor IC with Power Management Functions
logo
List of Unclassifed Man...
XAL-D324 ETC2-XAL-D324 Datasheet
4Mb / 46P
Contact functions and light functions with integral LED
logo
SHOUDING Shouding Semic...
SB8226 SHOUDING-SB8226 Datasheet
994Kb / 7P
LED lamp stepless light touch chip
SD3301 SHOUDING-SD3301 Datasheet
648Kb / 4P
1W & 3W Light touch switch LED / head light drive
logo
Shenzhen Huazhimei Semi...
HM8024B HMSEMI-HM8024B Datasheet
385Kb / 6P
Single touch dual output LED color temperature dimming IC
HM6001 HMSEMI-HM6001 Datasheet
447Kb / 7P
Touch table lamp controller with stepless dimming function
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com