Electronic Components Datasheet Search
  English  ▼

X  

ILL22CFS Datasheet(PDF) 2 Page - Optronics International

Part # ILL22CFS
Description  LED Sealed Dome Lights
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTRONICS [Optronics International]
Direct Link  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International

ILL22CFS Datasheet(HTML) 2 Page - Optronics International

  ILL22CFS Datasheet HTML 1Page - Optronics International ILL22CFS Datasheet HTML 2Page - Optronics International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Bulk
Polypack
Diodes
Description
Qty
Optronics International ­ www.optronicsinc.com ­ 888­654­0429
ILL22 SERIES
LED Sealed Dome Lights
Raw lumen output: 1044 lm, Effective lumen output: 810 lm
Low profile dome lights – less than 1” thick
Sealed, waterproof design
Hard wired with 6” power and ground wires
Available in bulk, polypack and retail packaging
Lifetime LED Warranty
Products
Bulk
Polypack
Diodes
Description
Qty
ILL22CB
ILL22CBP
18
Dome light with on/off switch, hard wired
(black=power, white=ground)
10
ILL22CBB
ILL22CBBP
18
Dome light with black circuit board, on/off
switch, hard wired (black=power,
white=ground)
10
ILL22CHBB
ILL22CHBBP
18
Dome light with black circuit board, no
switch, hard wired (black=power,
white=ground), .180 male bullets
10
ILL22CHB
ILL22CHBP
18
Dome light, no switch, hard wired
(black=power, white=ground)
10
ILL22CH3B
ILL22CH3BP
18
Dome light, no switch, hard wired
(black=power, white=ground), two­pin male
amp connector, 29­in. leads
10
ILL22CH4B
ILL22CH4BP
18
Dome light, no switch, hard wired
(black=power, white=ground), two­pin male
amp connector, 6­in leads
10
ILL22CFS
18
Retail pack: Dome light with on/off switch,
hard wired (black=power, white=ground),
clam
12
ILL22CH1B
ILL22CH1BP
18
DISCONTINUED ­ Dome light, no switch,
hard wired (black=power, white=ground),
two­pin male amp connector
10
ILL22CH2B
ILL22CH2BP
18
DISCONTINUED (see ILL22CHB) ­ Dome light
with switch switch, hard wired
(black=power, white=ground), two­pin
Molex connector
10
ILL22C1224B
ILL22C1224BP
18
DISCONTINUED ­ Dome light with on/off
switch, hard wired (black=power,
white=ground), 12­24V
10
ILL223CEHB
ILL223CEHBP
18
DISCONTINUED ­ Dome light with on/off
switch, 3­wire, third wire connects to
power to be controlled by external switch
(overrides switch on light)
10
ILL22CHB1B
ILL22CHB1BP
18
DISCONTINUED ­ Dome light with black
circuit board, no switch, hard wired
(black=power, white=ground), .180 male
bullet and #10 eyelet ring on ground
10
Accessories
Bulk
Polypack
Diodes
Description
Qty
Specifications
FMVSS:
MATERIALS:
Polycarbonate lens and housing
VOLT/AMP:
12.8VDC ­ .7A
WT/DIMS:
.182 lb. / 4.5” x 2.875” x 1”
WARRANTY:
Lifetime LED Warranty



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com