Electronic Components Datasheet Search
  English  ▼

X  

LD42 Datasheet(PDF) 6 Page - LightGraphix

Part # LD42
Description  LED WALL LIGHT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD42 Datasheet(HTML) 6 Page - LightGraphix

  LD42 Datasheet HTML 1Page - LightGraphix LD42 Datasheet HTML 2Page - LightGraphix LD42 Datasheet HTML 3Page - LightGraphix LD42 Datasheet HTML 4Page - LightGraphix LD42 Datasheet HTML 5Page - LightGraphix LD42 Datasheet HTML 6Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
LD42
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
Page 6 of 6 | Data sheet issued: 8 April 2026
ORDER CODES & OPTIONS
ORDER CODES & OPTIONS - LD42
Example: LD42-C1-500/LW30/NB/L/GS44-45/316 Stainless Steel/SC
LED colour
Fixing
Beam angle
Glare shield
Optical option
Finish
/
/
/
/
/
/
Light engine & drive current
LD42-
/480
/SC
Super
Warm
White
(2200K)
/LW22
Extra
Warm
White
(2700K)
/LW27
Warm
White
(3000K)
/LW30
White
(4000K) -
on request
/LW40
Cool
White
(5000K)
/LW50
Red
/LR
Green
/LG
Blue
/LB
Amber
/LA
C1
316
Stainless Steel
Polished &
Passivated
316 Stainless Steel
(For marine environments)
Machined Brass
Flamed
Solid Bronze
WET SPRAY
Antique Bronze
WET SPRAY
Satin
Antique Brass
WET SPRAY
Satin Brass
WET SPRAY
Black
(RAL 9005)
WET SPRAY
Anthracite Grey
(RAL 7016)
WET SPRAY
White
(RAL 9016)
WET SPRAY
RAL
NGS
GS44-45
(Not applicable
with Oval beam)
GS44-70
(Not applicable with
Oval beam. When using
Tilt lens, only Narrow
beam can be specified)
20° Tilt
A
No tilt
L
1.2W LED
at 350mA
LD42-C1-350
1.7W LED
at 500mA
LD42-C1-500
12°
Narrow
/NB
31°
Medium
/MB
48°
Wide
/WB
12° x 36°
Oval
/OB
Drivers
Use with 350mA and 500mA constant current LED drivers
We have a range of dimmable LED drivers including DMX and DALI compatible. Please see the downloads section on our website.
*When using Tilt lens,
Oval beam cannot
be specified
Ambient temperature key:
55°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com