Electronic Components Datasheet Search
  English  ▼

X  

LD42D Datasheet(PDF) 4 Page - LightGraphix

Part # LD42D
Description  LED WALL LIGHT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD42D Datasheet(HTML) 4 Page - LightGraphix

  LD42D Datasheet HTML 1Page - LightGraphix LD42D Datasheet HTML 2Page - LightGraphix LD42D Datasheet HTML 3Page - LightGraphix LD42D Datasheet HTML 4Page - LightGraphix LD42D Datasheet HTML 5Page - LightGraphix LD42D Datasheet HTML 6Page - LightGraphix LD42D Datasheet HTML 7Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LD42D
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
Page 4 of 7 | Data sheet issued: 8 April 2026
LD42D
Below is a step application guide with suggested luminaire mounting heights for lighting across steps. Every project and lighting scenario will be different and the table below is to be used
as a starting point. Please use our photometric files to further test the desired effect for your application. Files are available on the LD42D product page on our website.
LD42D - NB
INSTALLATION GUIDE - STEP LIGHTING
LD42D-500-MB - with Tilt
A
Step width
1000mm 1500mm 2000mm 2500mm 3000mm
B
Height of fittings
175mm
200mm
225mm
250mm
275mm
Mid-step illuminance
(Lux)
372 LX
104 LX
3 LX
1 LX
1 LX
End of step
illuminance (Lux)
26 LX
6 LX
38 LX
17 LX
10 LX
LD42D-500-NB
A
Step width
1000mm 1500mm 2000mm 2500mm 3000mm
B
Height of fittings
100mm (above step)
Mid-step illuminance
(Lux)
95 LX
53 LX
29 LX
17 LX
11 LX
End of step
illuminance (Lux)
33 LX
12 LX
5 LX
3 LX
2 LX
LD42D-350-MB - with Tilt
A
Step width
1000mm 1500mm 2000mm 2500mm 3000mm
B
Height of fittings
175mm
200mm
225mm
250mm
275mm
Mid- step
illuminance (Lux)
311 LX
84 LX
31 LX
14 LX
8 LX
End of step
illuminance (Lux)
21 LX
5 LX
2 LX
1 LX
1 LX
LD42D-350-NB
A
Step width
1000mm 1500mm 2000mm 2500mm 3000mm
B
Height of fittings
100mm (above step)
Mid-step illuminance
(Lux)
67 LX
44 LX
25 LX
15 LX
9 LX
End of step
illuminance (Lux)
29 LX
10 LX
5 LX
3 LX
2 LX
C
D
C
D
C
D
C
D
A
B
C
D



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com