Electronic Components Datasheet Search
  English  ▼

X  

LD43DRG Datasheet(PDF) 1 Page - LightGraphix

Part # LD43DRG
Description  GLASS BEZEL
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD43DRG Datasheet(HTML) 1 Page - LightGraphix

  LD43DRG Datasheet HTML 1Page - LightGraphix LD43DRG Datasheet HTML 2Page - LightGraphix LD43DRG Datasheet HTML 3Page - LightGraphix LD43DRG Datasheet HTML 4Page - LightGraphix LD43DRG Datasheet HTML 5Page - LightGraphix LD43DRG Datasheet HTML 6Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Data sheet issued: 27 April 2026 | Issue 7
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
LD43DRG
>
High-power C1 engine with NICHIA LED delivering up to 137lm
>
Miniature fitting with LED and optics deep recessed 33mm for reduced glare
>
Available with a narrow 12° beam only due to the size of the aperture
>
Durable all glass bezel, suitable for a wide range of applications
>
Optional glare shield accessory for further reduced glare
>
Hidden fixing options include a rebate sleeve with O-ring or trimmed sleeve with O-ring.
Also available with a ground tube
>
Contains our integral moisture guard (anti-wicking barrier),
stopping water ingress from going up the cable into the product
from incorrect IP-rated connections
>
Switched, 0-10V, Casambi, DMX, DALI or Mains dimmable drivers available
For fixing dimensions please go to page 3.
KEY FEATURES
Dimensions in mm
DIMENSIONS
Ø33
68
Ø27
MINIATURE DEEP RECESSED TRIMLESS
EXTERIOR UPLIGHT WITH GLASS BEZEL
The LD43DRG is a miniature, ultra-deep recessed,
LED in-ground uplight. The LED and optics are recessed at
33mm into the body for super low glare, which can be further
reduced with an optional glare shield. Due to the miniature
aperture of the LD43DRG, it is available in a narrow 12° beam
only, offering defined edges, ideal for lighting doorways or
narrow corridors. Featuring a high-quality, seamless glass top,
the LD43DRG blends perfectly into its surroundings.
LD43DRG


Similar Part No. - LD43DRG

ManufacturerPart #DatasheetDescription
logo
LightGraphix
LD43DR LIGHTGRAPHIX-LD43DR Datasheet
2Mb / 6P
LED UPLIGHT
8 April 2026
More results

Similar Description - LD43DRG

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
1921X00X CML-1921X00X Datasheet
342Kb / 1P
LED Indicator 14mm Standard Bezel
logo
Molex Electronics Ltd.
86004-3078 MOLEX-86004-3078 Datasheet
165Kb / 4P
Bezel Adapter System
106004 MOLEX10-106004 Datasheet
175Kb / 1P
Bezel Adapters
logo
Axiomtek Co., Ltd.
GOT3157W-832-PCT AXIOMTEK-GOT3157W-832-PCT Datasheet
481Kb / 2P
IP65 front bezel
logo
List of Unclassifed Man...
EA017-1U ETC2-EA017-1U Datasheet
166Kb / 7P
BEZEL FOR DOTMATRIX MODULES
IPM-057 ETC2-IPM-057 Datasheet
300Kb / 1P
6mm Aluminum front bezel with strengthen glass
logo
AAEON Technology
ACD-110D AAEON-ACD-110D Datasheet
189Kb / 2P
ip65 aliminum front bezel
logo
Axiomtek Co., Ltd.
GOT3187W-834-PCT AXIOMTEK-GOT3187W-834-PCT_16 Datasheet
508Kb / 2P
IP65 aluminum front bezel
logo
AAEON Technology
AHP-1125HTT-A1-1010 AAEON-AHP-1125HTT-A1-1010 Datasheet
256Kb / 2P
IP65 Plastic Front Bezel
OMNI-3195HTT-BT-A1-1010 AAEON-OMNI-3195HTT-BT-A1-1010 Datasheet
200Kb / 2P
IP65 Compliant Front Bezel
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com