Electronic Components Datasheet Search
  English  ▼

X  

UPC4092 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # UPC4092
Description  High Stability, Low Offset Voltage J-FET Input Dual Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC4092 Datasheet(HTML) 1 Page - Renesas Technology Corp

  UPC4092 Datasheet HTML 1Page - Renesas Technology Corp UPC4092 Datasheet HTML 2Page - Renesas Technology Corp UPC4092 Datasheet HTML 3Page - Renesas Technology Corp UPC4092 Datasheet HTML 4Page - Renesas Technology Corp UPC4092 Datasheet HTML 5Page - Renesas Technology Corp UPC4092 Datasheet HTML 6Page - Renesas Technology Corp UPC4092 Datasheet HTML 7Page - Renesas Technology Corp UPC4092 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
R03DS0147EJ0200 Rev.2.00
Page 1 of 7
Feb.25.25
Datasheet
UPC812, UPC4092
High Stability, Low Offset Voltage
J-FET Input Dual Operational Amplifier
DESCRIPTION
UPC812, 4092 are unique J-FET input dual operational amplifiers that uses a high-speed PNP transistor (fT
=300 MHz) for the output stage to achieve fast response and high stability.
The resistor-trimming method proven in other Renesas High-Precision Op-Amp and High-Precision reference
voltage is incorporate in this Op-Amp input stage, thus producing an excellent low offset voltage characteristics
that has surpasses conventional general purpose op-amp in spite of being J-FET input.
Depending on the operating ambient temperature, UPC812 is suitable for communication application while
UPC4092 is for general-purpose usage.
In addition to this series of line-up, single channel type operational amplifier, UPC811 with the same circuit
configuration are also available.
FEATURES
• Input Offset Voltage
±1 mV (TYP.) ( ±3 mV MAX.)
• VIO Temperature Drift
±7 µV/°C (TYP.)
• Input Bias Current
50 pA (TYP.)
• Slew Rate
15 V/μs (TYP.)
• Unity Gain Frequency
4 MHz (TYP.))
• Input Equivalent Noise Voltage Density
19 nV/ Hz (TYP.) (f = 1 kHz)
• Stable operation against capacitive load
(Capacitive Load at 10000 pF, AV = +1 )
• Built-In Phase Compensation Circuit
• Built-In Output Short Circuit Protection
• Standard Dual Op-Amp terminal connection (pin compatible)
ORDERING INFORMATION
Order Name (1)
Package
UPC812G2-AP
8-Pin plastic SOP ( 5.72 mm ( 225 ))
UPC4092G2-AP
8-Pin plastic SOP ( 5.72 mm ( 225 ))
(1) Order names containing E1 or E2 indicate that the packaging format is embossed taping.
Pin 1 of E1 is on draw-out side, and pin 1 of E2 is at take-up side.


Similar Part No. - UPC4092

ManufacturerPart #DatasheetDescription
logo
NEC
UPC4092 NEC-UPC4092 Datasheet
87Kb / 12P
J-FET INPUT LOW-OFFSET DUAL OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
UPC4092 RENESAS-UPC4092 Datasheet
228Kb / 12P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1998
logo
NEC
UPC4092C NEC-UPC4092C Datasheet
87Kb / 12P
J-FET INPUT LOW-OFFSET DUAL OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
UPC4092C RENESAS-UPC4092C Datasheet
228Kb / 12P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1998
logo
NEC
UPC4092G2 NEC-UPC4092G2 Datasheet
87Kb / 12P
J-FET INPUT LOW-OFFSET DUAL OPERATIONAL AMPLIFIER
More results

Similar Description - UPC4092

ManufacturerPart #DatasheetDescription
logo
NEC
UPC4091 NEC-UPC4091 Datasheet
87Kb / 12P
J-FET INPUT LOW-OFFSET OPERATIONAL AMPLIFIER
UPC4092 NEC-UPC4092 Datasheet
87Kb / 12P
J-FET INPUT LOW-OFFSET DUAL OPERATIONAL AMPLIFIER
UPC4093 NEC-UPC4093 Datasheet
90Kb / 12P
J-FET INPUT LOW-OFFSET OPERATIONAL AMPLIFIER
UPC4094 NEC-UPC4094 Datasheet
89Kb / 12P
J-FET INPUT LOW-OFFSET DUAL OPERATIONAL AMPLIFIER
UPC812 NEC-UPC812 Datasheet
401Kb / 10P
DUAL J-FET INPUT LOW-OFFSET OPRERATIONAL AMPLIFIER
logo
Renesas Technology Corp
PC4092 RENESAS-PC4092_15 Datasheet
228Kb / 12P
J-FET INPUT LOW-OFFSET DUAL OPERATIONAL AMPLIFIER
logo
NEC
UPC811 NEC-UPC811 Datasheet
391Kb / 10P
J-FET INPUT LOW-OFFSET OPERATIONAL AMPLIFIER
NEC Corporation 1987
logo
Renesas Technology Corp
UPC811 RENESAS-UPC811 Datasheet
742Kb / 8P
High Stability, Low Offset Voltage J-FET Input Operational Amplifier
2019.06.13
UPC812 RENESAS-UPC812 Datasheet
735Kb / 8P
High Stability, Low Offset Voltage J-FET Input Dual Operational Amplifier
2019.06.13
UPC813 RENESAS-UPC813 Datasheet
690Kb / 8P
High Slew Rate, Low Offset Voltage J-FET Input Operational Amplifier
2019.06.13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com