Electronic Components Datasheet Search
  English  ▼

X  

A22014-001 Datasheet(PDF) 1 Page - Omnetics Connector Corp.

Part # A22014-001
Description  SOCKET FEMALE MICRO CIRCULAR CONNECTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNETICS [Omnetics Connector Corp.]
Direct Link  https://www.omnetics.com/
Logo OMNETICS - Omnetics Connector Corp.

A22014-001 Datasheet(HTML) 1 Page - Omnetics Connector Corp.

  A22014-001 Datasheet HTML 1Page - Omnetics Connector Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
THIRD ANGLE
MNETICS
CONNECTOR CORPORATION
O
.220
5.59
1
4
3
5
.10
2.54
.355
9.02
.016 (TYP),
SOLDER COATED
0.41
EPOXY FLUSH
TO UNDERFLUSH
.043
1.10
.025
(TYP)
0.64
.050
(TYP)
1.27
.006
0.15
ACTUAL SIZE
.006
0.15
.043
1.09
.050
(TYP)
1.27
.025
(TYP)
0.64
SUGGESTED
HOLE PATTERN
REF: OMNETICS
MATERIALS & SPECIFICATIONS
INSULATOR:
LIQUID CRYSTAL POLYMER (LCP) PER ASTM
D5138.
CONTACT:
COPPER ALLOY PER MIL-DTL-83513. GOLD PLATE
PER ASTM B488, (HARD GOLD) TYPE II CODE C,
CLASS 1.27
TERMINATION:
SOLDER COATED WITH SN63A PER J-STD-006.
CURRENT CAPACITY:
3 AMP MAX.
CONTACT RESISTANCE:
26 MILLIOHMS (65mV) MAX @ 2.5 AMPS.
PERFORMANCE:
PRODUCT FAMILY TESTED TO AND PASSED THE
PERFORMANCE SPECIFICATIONS OF TABLE VII OF
MIL-DTL-83513.
PART NO.
REV
ECO
DATE
APP
REV
TITLE:
-TOLERANCES-
UNLESS OTHERWISE NOTED
SCALE: 4:1
SHEET 1 OF 1
DWG NO.
DATE
DATE
DATE
DFTM. TEP
CHK'D.
APP'D.
04-07-06
DIMENSIONS IN INCHES
CAGE CODE
61873
C
96708
TLM
05-06-10
7260 COMMERCE CIRCLE EAST
MINNEAPOLIS, MN 55432
WWW.OMNETICS.COM
THIS DRAWING CONTAINS CONFIDENTIAL AND PROPRIETARY INFORMATION WHICH IS THE PROPERTY OF
OMNETICS CONNECTOR CORP. THIS DOCUMENT MAY NOT, IN WHOLE OR IN PART, BE DUPLICATED, OR
DISCLOSED FOR ANY PURPOSE, WITHOUT WRITTEN PERMISSION FROM OMNETICS CONNECTOR CORP.
(5) SOCKET FEMALE
CONNECTOR
MICRO CIRCULAR
C
A22014-001
A22014-001
2 PL DEC
3 PL DEC
4 PL DEC
ANGLES
.01
.005
.0005
1


Similar Part No. - A22014-001

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A2201 OMRON-A2201 Datasheet
6Mb / 30P
G5RL-1A-E-HR-DC24
logo
Omnetics Connector Corp...
A22012-001 OMNETICS-A22012-001 Datasheet
110Kb / 1P
PIN MALE MICRO CIRCULAR CONNECTOR
08-29-12
A22013-001 OMNETICS-A22013-001 Datasheet
110Kb / 1P
SOCKET FEMALE MICRO CIRCULAR CONNECTOR
05-18-12
A22015-001 OMNETICS-A22015-001 Datasheet
64Kb / 1P
PIN MALE MICRO CIRCULAR CONNECTOR
01-30-18
A22016-001 OMNETICS-A22016-001 Datasheet
74Kb / 1P
SOCKET MALE MICRO CIRCULAR CONNECTOR
07-13-10
More results

Similar Description - A22014-001

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MWKQ2L6-7S-4K1 GLENAIR-MWKQ2L6-7S-4K1 Datasheet
227Kb / 3P
MWKQ Micro Circular Quick Disconnect
logo
Molex Electronics Ltd.
0685060513 MOLEX8-0685060513 Datasheet
110Kb / 2P
6.35mm (.250") Tab Micro Relay Socket, Female, 5 Circuits
0685060511 MOLEX8-0685060511 Datasheet
110Kb / 2P
6.35mm (.250") Tab Micro Relay Socket, Female, 5 Circuits
0685060414 MOLEX8-0685060414 Datasheet
108Kb / 2P
6.35mm (.250") Tab Micro Relay Socket, Female, 4 Circuits
logo
Harwin Plc
R30-5000402 HARWIN-R30-5000402 Datasheet
83Kb / 1P
M3 CIRCULAR FEMALE SPACER
logo
Glenair, Inc.
237-263 GLENAIR-237-263 Datasheet
315Kb / 2P
Special Micro Circular Quick Disconnect Receptacle
logo
Harwin Plc
R6308-02 HARWIN-R6308-02 Datasheet
500Kb / 1P
M3 CIRCULAR SLOTTED FEMALE SPACER
logo
Molex Electronics Ltd.
1202440002 MOLEX-1202440002 Datasheet
42Kb / 1P
Micro-Change (M12) Circular Hybrid Technology (CHT) Female Receptacle
logo
Ulti-Mate Connector Inc
SD-812051000 ULTI-MATE-SD-812051000 Datasheet
42Kb / 1P
Micro Circular Solder Cup 7 Socket No Hardware Plastic Shell 125 Max Temp No QPL
05-01-13
SD-812071000 ULTI-MATE-SD-812071000 Datasheet
43Kb / 1P
Micro Circular Solder Cup 9 Socket No Hardware Plastic Shell 125 Max Temp No QPL
08-28-19
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com