Electronic Components Datasheet Search
  English  ▼

X  

CIS12/10 Datasheet(PDF) 13 Page - Clarke International

Part # CIS12/10
Description  CORDLESS IMPACT WRENCH
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CIS12/10 Datasheet(HTML) 13 Page - Clarke International

Back Button CIS12/10 Datasheet HTML 9Page - Clarke International CIS12/10 Datasheet HTML 10Page - Clarke International CIS12/10 Datasheet HTML 11Page - Clarke International CIS12/10 Datasheet HTML 12Page - Clarke International CIS12/10 Datasheet HTML 13Page - Clarke International CIS12/10 Datasheet HTML 14Page - Clarke International CIS12/10 Datasheet HTML 15Page - Clarke International CIS12/10 Datasheet HTML 16Page - Clarke International CIS12/10 Datasheet HTML 17Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
MAINTENANCE
All bearings etc. in this wrench are lubricated with a sufficient amount of high
grade lubricant for the machines lifetime under normal operating conditions,
therefore no further lubrication is required.
Refer to your CLARKE dealer if internal maintenance is required.
Check the battery charger power cable to ensure it is free from cracks, bare
wires etc.
Avoid using solvents when cleaning plastic parts, most plastics are susceptible
to damage from the various types of commercial solvents. Keep the unit clean
by wiping with a dry cloth. DO NOT use solvents as a cleaning agent.
Your CLARKE impact wrench has been designed to give long and trouble free
service. If, however, having followed the instructions in this booklet carefully,
you encounter problems, take the unit to your local CLARKE dealer.
Always store the wrench and its charger in the case supplied. Store in a clean,
dry place, out of reach of children when not in use.
ENVIRONMENTAL PROTECTION
DO NOT dispose of this product with general household waste. All tools,
accessories and packaging should be sorted, taken to a recycling centre and
disposed of according to the laws governing Waste Electrical and Electronic
Equipment (WEEE).
Unit shuts off
abruptly
Battery pack has
reached its maximum
thermal limit
Allow battery pack to cool down
Out of charge. (To
maximize the life of
the battery pack it is
designed to shutoff
abruptly when the
charge is depleted)
Place battery on charge
PROBLEM
CAUSE
SOLUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com