Electronic Components Datasheet Search
  English  ▼

X  

CFSR500P Datasheet(PDF) 4 Page - Clarke International

Part # CFSR500P
Description  500KG STEEL FOLDING RAMPS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CFSR500P Datasheet(HTML) 4 Page - Clarke International

  CFSR500P Datasheet HTML 1Page - Clarke International CFSR500P Datasheet HTML 2Page - Clarke International CFSR500P Datasheet HTML 3Page - Clarke International CFSR500P Datasheet HTML 4Page - Clarke International CFSR500P Datasheet HTML 5Page - Clarke International CFSR500P Datasheet HTML 6Page - Clarke International CFSR500P Datasheet HTML 7Page - Clarke International CFSR500P Datasheet HTML 8Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
14. Make sure the ramps are aligned with the wheels of the equipment being
loaded or unloaded.
15. DO NOT put any tools or other equipment beneath the ramps.
16. Keep hands, feet, etc away from the ramps. DO NOT reach or get beneath
either ramp.
17. Maintain your correct balance and footing, DO NOT over reach. Ensure the
floor is not slippery and wear non-slip shoes.
18. Proper use of this product is critical to safety. Improper use may result in
personal or property damage which is not covered by the warranty.
19. These ramps are designed to rest against the edge of your tailgate or
trailer. If you are not using a bed liner, these RAMPS WILL SCRATCH YOUR
VEHICLES PROTECTIVE PAINTED SURFACE.
20. These ramps are designed to be used ONLY with the flange facing the
down (see assembly instructions). To use ramp inverted with flange up (to
use sides as tyre guides) greatly reduces the weight capacity rating.
USING WHEN IN VEHICLE RAMP CONFIGURATION - (FOLDED)
1. DO NOT exceed rated capacity - 800kg per ramp.
2. Use only on a hard level surface.
3. Center the load between the sides of the ramp.
4. Use as a matched pair to support one end of a vehicle.
5. Ramps are not to be used to simultaneously support both ends or one side
of a vehicle.
6. Maximum allowable tyre width is 9".
7. DO NOT use other lifting equipment in conjunction with the ramps.
8. DO NOT disconnect brakes, engine, transmission components, drive train,
drive shaft, universal joints, or wheels while the vehicle is on the ramps.
9. Make sure the wheels to be driven on to the ramps are in alignment with
the ramps and center the two ramps against the tyres.
10. Another person, standing clear of the vehicle path should observe and
guide the vehicle operator when ascending and descending the ramps.
11. NEVER accelerate or apply brakes suddenly. Proceed slowly and
cautiously. Once the vehicle reaches the top of the ramps, apply brakes to
prevent over-travel.
12. Place the vehicle in neutral gear. Release the brakes; the vehicle should
not move. Set the handbrake to on. Place vehicle in park (or in reverse
gear for manual transmission). Chock the wheels on the ground.
13. Wear gloves. Remove any ill fitting clothing, remove ties, watches, rings
and other loose jewellery and contain long hair.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com