Electronic Components Datasheet Search
  English  ▼

X  

CSA12F Datasheet(PDF) 2 Page - Clarke International

Part # CSA12F
Description  12 TONNE HYDRAULIC PRESS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CSA12F Datasheet(HTML) 2 Page - Clarke International

  CSA12F Datasheet HTML 1Page - Clarke International CSA12F Datasheet HTML 2Page - Clarke International CSA12F Datasheet HTML 3Page - Clarke International CSA12F Datasheet HTML 4Page - Clarke International CSA12F Datasheet HTML 5Page - Clarke International CSA12F Datasheet HTML 6Page - Clarke International CSA12F Datasheet HTML 7Page - Clarke International CSA12F Datasheet HTML 8Page - Clarke International CSA12F Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
INTRODUCTION
Thank you for purchasing this CLARKE 12 Tonne Hydraulic Press.
Before attempting to operate the machine, it is essential that you read this
manual thoroughly and carefully follow all instructions given. In doing so you
will ensure the safety of yourself and that of others around you, and you can
also look forward to the press giving you long and satisfactory service.
GUARANTEE
This CLARKE product is guaranteed against faulty manufacture for a period of
12 months from the date of purchase. Please keep your receipt as proof of
purchase.
This guarantee is invalid if the product is found to have been abused or
tampered with in any way, or not used for the purpose for which it was
intended.
Faulty goods should be returned to their place of purchase, no product can
be returned to us without prior permission. This guarantee does not effect your
statutory rights.
TECHNICAL SPECIFICATIONS
Capacity
12 tonne
Operating
pressure
10000psi
Ram stroke
184mm
Ram diameter 42mm
Net weight
85kg
Dimensions
A) 80mm
B) 515mm
C) 945mm
D) 205mm
E) 185mm
F) 695mm
G) 500mm
H) 1662mm
L) 152mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com