Electronic Components Datasheet Search
  English  ▼

X  

ILL71CBAWN Datasheet(PDF) 1 Page - Optronics International

Part # ILL71CBAWN
Description  Opti-Brite LED Awning Lights for Surface Mount
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTRONICS [Optronics International]
Direct Link  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International

ILL71CBAWN Datasheet(HTML) 1 Page - Optronics International

  ILL71CBAWN Datasheet HTML 1Page - Optronics International ILL71CBAWN Datasheet HTML 2Page - Optronics International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Optronics International ­ www.optronicsinc.com ­ 888­654­0429
ILL70/71 AWNING SERIES
Opti­Brite LED Awning Lights for Surface Mount
ILL70 – Raw lumen output: 189 lm, Effective lumen output: 171 lm
ILL71 – Raw lumen output: 360 lm, Effective lumen output: 252 lm
Color temperature 6000K neutral white (except amber model)
Low profile awning mount lights with wedge base that directs light at a 45­degree angle
Hard wired (black=power, white=ground)
Select from 11­inch and 18­inch models
Sealed, waterproof
CSA certified for interior use
Available in bulk, polypack and retail packaging
Lifetime LED Warranty
Products
Bulk
Polypack
Diodes
Description
Qty
ILL70CBAWN
ILL70CBAWNP
9
11" white LED awning light, no switch,
chrome snap­on bezel, hard wired
(black=power, white=ground)
10
ILL70CBBAWN
ILL70CBBAWNP
9
11" white LED awning light, no switch,
black snap­on bezel, hard wired
(black=power, white=ground)
10
ILL70CBSBAWN
ILL70CBSBAWNP
9
11" white LED awning light, on/off
switch, black snap­on bezel, hard wired
(black=power, white=ground)
10
ILL70CCSBAWN
ILL70CCSBAWNP
9
11" white LED awning light, on/off
switch, chrome snap­on bezel, hard
wired (black=power, white=ground)
10
ILL71CBAWN
ILL71CBAWNP
18
18" white LED awning light, no switch,
chrome snap­on bezel, hard wired
(black=power, white=ground)
10
ILL71C1BAWN
ILL71C1BAWNP
18
18" white LED awning light, no switch,
chrome snap­on bezel, high lumen
output 1197 raw, 603 eff, hard wired
(black=power, white=ground)
10
ILL70CBAWNFS
9
Retail pack: 11" white LED awning light,
no switch, chrome snap­on bezel, hard
wired (black=power, white=ground),
clam
12
ILL71CBAWNFS
18
Retail pack: 18" white LED awning light,
no switch, chrome snap­on bezel, hard
wired (black=power, white=ground),
clam
10
ILL70C24B
ILL70C24BP
9
DISCONTINUED ­ 9­LED 9" strip light with
24" leads, surface mount, hard wired
(black=power, white=ground)
10
ILL70ABBAWN
ILL70ABBAWNP
9
DISCONTINUED (see ILL70CBBAWN) ­
11" yellow LED awning light, no switch,
black snap­on bezel, hard wired
(black=power, white=ground)
10
ILL70CPGAWN
ILL70CPGAWNP
9
DISCONTINUED ­ 11" white LED awning
light, no switch, chrome snap­on bezel,
hard wired (black=power,
white=ground), .180 male bullets
10
Accessories
Bulk
Polypack
Diodes
Description
Qty
A71C1BAWN
A71C1BAWNP
DISCONTINUED ­ Chrome base for
ILL71C1BAWN
25
Specifications
FMVSS:
CSA
MATERIALS:
Polycarbonate lens and housing
VOLT/AMP:
ILL70: 12.8VDC ­ .150A, ILL71: 12.8VDC ­ .300A
WT/DIMS:
ILL70: .154 lb. / 11.313” x 1.625” x 1.125”, ILL71: .187 lb. / 18” x 2.125” x
1.063”
WARRANTY:
Lifetime LED Warranty


Similar Part No. - ILL71CBAWN

ManufacturerPart #DatasheetDescription
logo
Optronics International
ILL71C1BAWN OPTRONICS-ILL71C1BAWN Datasheet
139Kb / 3P
Miscellaneous Trim Rings and Bezels
More results

Similar Description - ILL71CBAWN

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
5325F CML-5325F Datasheet
78Kb / 1P
Super Brite T-1 LED Assembly
logo
Micropac Industries
62069 MICROPAC-62069 Datasheet
81Kb / 2P
HI BRITE HERMETIC LED INDICATORS, PANEL MOUNT
logo
Dielectric Laboratories...
P21BN300MA3976 DILABS-P21BN300MA3976 Datasheet
425Kb / 4P
Opti - Cap
P21BN300MA4282 DILABS-P21BN300MA4282 Datasheet
389Kb / 4P
Opti - Cap
logo
Visual Communications C...
5325F VCC-5325F Datasheet
107Kb / 1P
Super Brite T-1 LED Assembly
logo
Micropac Industries
62100 MICROPAC-62100 Datasheet
124Kb / 2P
ULTRA-BRITE HERMETIC LED INDICATORS
logo
OSRAM GmbH
ONYXL-7 OSRAM-ONYXL-7 Datasheet
111Kb / 3P
LED reading lights
logo
WORLDSEMI CO., LIMITED
WS2835-3535 WORLDSEMI-WS2835-3535 Datasheet
579Kb / 8P
SPECIFICATIONS FOR SURFACE MOUNT LED
logo
Shanghai Cyanlite Techn...
SM25W045 CYANLITE-SM25W045 Datasheet
1Mb / 8P
LED Panel Lights LIBRA for Surface Mounted Installation
PF30W312F CYANLITE-PF30W312F Datasheet
1Mb / 7P
LED Frame Lights for Lay-On Ceilings
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com