Electronic Components Datasheet Search
  English  ▼

X  

UPC822 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPC822
Description  J-FET Input Low Noise Dual Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC822 Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPC822 Datasheet HTML 1Page - Renesas Technology Corp UPC822 Datasheet HTML 2Page - Renesas Technology Corp UPC822 Datasheet HTML 3Page - Renesas Technology Corp UPC822 Datasheet HTML 4Page - Renesas Technology Corp UPC822 Datasheet HTML 5Page - Renesas Technology Corp UPC822 Datasheet HTML 6Page - Renesas Technology Corp UPC822 Datasheet HTML 7Page - Renesas Technology Corp UPC822 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
UPC822, UPC4072
R03DS0184EJ0100 Rev.1.00
Page 3 of 7
Feb.27.25
ELECTRICAL CHARACTERISTICS (TA = 25 °C, V± = ±15 V)
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Test Conditions
Input Offset Voltage
VIO
±2
±10
mV
RS ≤ 50 Ω
Input Offset Current Note6
IIO
±5
±50
pA
Input Bias Current Note6
IB
30
200
pA
Large Signal Voltage Gain
AV
25000
200000
RL ≥ 2 kΩ, VO = ±10 V
Circuit Current Note7
ICC
4
5.0
mA
IO = 0 A
Common Mode Rejection Ratio
CMR
70
90
dB
Supply Voltage Rejection Ratio
SVR
70
90
dB
Voltage Output Swing
Vom
±12
±13.5
V
RL ≥ 10 kΩ
Voltage Output Swing
Vom
±10
±12
V
RL ≥ 2 kΩ
Input Common-Mode Voltage
Range
VICM
±10
+15
-13
V
Slew Rate
SR
13
V/μs
AV = 1
Unity Gain Frequency
funity
3
MHz
Input Equivalent Noise Voltage
Vn
4
μVr.m.s
RS = 100 Ω, f = 10 Hz to
10 kHz
Input Equivalent Noise Voltage
Density
en
17
nV/ Hz
RS = 100 Ω, f = 1 kHz
Channel Separation
120
dB
Input Offset Voltage
VIO
±13
mV
RS ≤ 50 Ω, TA = -20 to
+70 °C
Average VIO Temperature Drift
Δ
VIO/ΔT
±10
μV/°C
TA = -20 to +70 °C
Input Offset Current Note6
IIO
±2
nA
TA = -20 to +70 °C
Input Bias Current Note6
IB
7
nA
TA = -20 to +70 °C
【
Note】 6. The direction of the input bias current is the same direction that flows into the IC because the first stage is
composed of Pch J-FET. When TJ = 25°C or higher, it increases exponentially with increase in temperature
(please see IB - TA characteristics). During measurement, please kindly take care of TJ ≒ TA.
7. It is the current that flows into the internal circuit. This current flows irrespective of the channel usage.
Caution
Since UPC822, 4072 have high input impedance characteristics, please be careful of insulation between the
terminals on the board.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com