Electronic Components Datasheet Search
  English  ▼

X  

UPC4062 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # UPC4062
Description  J-FET Input Low-Power Dual Operational Amplifiers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC4062 Datasheet(HTML) 1 Page - Renesas Technology Corp

  UPC4062 Datasheet HTML 1Page - Renesas Technology Corp UPC4062 Datasheet HTML 2Page - Renesas Technology Corp UPC4062 Datasheet HTML 3Page - Renesas Technology Corp UPC4062 Datasheet HTML 4Page - Renesas Technology Corp UPC4062 Datasheet HTML 5Page - Renesas Technology Corp UPC4062 Datasheet HTML 6Page - Renesas Technology Corp UPC4062 Datasheet HTML 7Page - Renesas Technology Corp UPC4062 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
R03DS0183EJ0100 Rev.1.00
Page 1 of 7
Feb.21.25
Datasheet
UPC832, UPC4062
J-FET Input Low-Power Dual Operational Amplifiers
DESCRIPTION
UPC832, 4062 are J-FET input low-power operational amplifier featuring low supply voltage operation from ±2
V. Supply current is ten times smaller than that of UPC803, 4082 type op-amp. With very low input bias current
characteristics, UPC832, 4062 are excellent choice for hand-held measurement equipment and other low-
power application circuits.
Depending on operating ambient temperature, UPC832 is suited for communication application while
UPC4062 is for general purposes usage.
Along with this series of lineup, the quad type op-amp UPC834 and UPC4064 with same circuit configuration
are also available.
FEATURES
• Input offset voltage
±2 mV (TYP.)
• Input bias current
10 pA (TYP.)
• Slew Rate
3 V/μs (TYP.)
• Unity Gain Frequency
1 MHz (TYP.)
• Circuit current
400 μA (TYP.)
• Low supply voltage operation
±2 V
• Build -in phase correction circuit
• Built-in output short-circuit protection circuit
• Standard dual op-amp terminal connection (pin compatible)
ORDERING INFORMATION
Order Name (1)
Package
UPC832G2-AP
8-Pin plastic SOP ( 5.72 mm ( 225 ))
UPC4062G2-AP
8-Pin plastic SOP ( 5.72 mm ( 225 ))
(1) Order names containing E1 or E2 indicate that the packaging format is embossed taping.
Pin 1 of E1 is on draw-out side, and pin 1 of E2 is at take-up side.
PIN CONFIGURATION (Top View)
1
+
-
1
OUT1
8 V +
2
II1
3
IN1
4
V -
7 OUT2
6 II2
5 IN2
2
-
+


Similar Part No. - UPC4062

ManufacturerPart #DatasheetDescription
logo
NEC
UPC4062 NEC-UPC4062 Datasheet
295Kb / 10P
DUAL J-FET INPUT LOW-POWER OPERATIONAL AMPLIFIER?
UPC4062 NEC-UPC4062 Datasheet
100Kb / 12P
Bipolar Analog Integrated Circuit
logo
Renesas Technology Corp
UPC4062 RENESAS-UPC4062 Datasheet
257Kb / 11P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1987
logo
NEC
UPC4062C NEC-UPC4062C Datasheet
100Kb / 12P
Bipolar Analog Integrated Circuit
logo
Renesas Technology Corp
UPC4062C RENESAS-UPC4062C Datasheet
257Kb / 11P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1987
More results

Similar Description - UPC4062

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5238AL MITSUBISHI-M5238AL Datasheet
144Kb / 4P
DUAL LOW-NOISE J-FET INPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL062 STMICROELECTRONICS-TL062 Datasheet
111Kb / 10P
LOW POWER J-FET DUAL OPERATIONAL AMPLIFIERS
Oct-1997
logo
Sanyo Semicon Device
LA6082D SANYO-LA6082D Datasheet
108Kb / 5P
J-FET Input Dual Operational Amplifiers
logo
Integral Corp.
IL062 INTEGRAL-IL062 Datasheet
494Kb / 7P
Low Power J-FET DUAL OPERATIONAL AMPLIFIERS
IL072 INTEGRAL-IL072 Datasheet
578Kb / 7P
Low Power J-FET DUAL OPERATIONAL AMPLIFIERS
IL082 INTEGRAL-IL082 Datasheet
605Kb / 7P
Low Power J-FET DUAL OPERATIONAL AMPLIFIERS
logo
Mitsubishi Electric Sem...
M5240P MITSUBISHI-M5240P Datasheet
347Kb / 6P
DUAL LOW-NOISE J-FET INPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL062 STMICROELECTRONICS-TL062_07 Datasheet
259Kb / 14P
LOW POWER J-FET DUAL OPERATIONAL AMPLIFIERS
27-Jul-2007
logo
ARTSCHIP ELECTRONICS CO...
TL062 ARTSCHIP-TL062 Datasheet
337Kb / 10P
LOW POWER J-FET DUAL OPERATIONAL AMPLIFIERS
logo
New Japan Radio
NJM062C NJRC-NJM062C Datasheet
4Mb / 21P
LOW-POWER J-FET INPUT OPERATIONAL AMPLIFIERS
Ver.5.0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com