Electronic Components Datasheet Search
  English  ▼

X  

ANM-1406. Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # ANM-1406.
Description  FOR RG8 / LMR400 N STRAIGHT MALE CRIMP
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

ANM-1406. Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  ANM-1406. Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
4.8
0.740
18.8
0.307
7.8
0.189
0.870
22.1
FREQUENCY RANGE: 0~6 GHz
MISCELLANEOUS:
PIN
ACCORDANCE WITH L-COM SPECIFICATIONS PS-0031.
RECOMMENDED CABLE
<
CRIMP SIZE
NOTES:
RoHS Compliant
COMPONENTS SHALL BE INDIVIDUALLY PACKAGED IN
>
IMPEDENCE: 50 OHMS
WITHSTAND VOLTAGE: 2500V
STRIPPING
CRIMP SIZE
VSWR:
RECOMMENDED
RECOMMENDED
ALL DIMENSIONS ARE FOR REFERENCE ONLY.
DURABILITY:
1.50 @ 0~6 GHz
500 CYCLE
CABLE RETENTION: > 40 POUNDS
ELECTRICAL:
FERRULE
DESCRIPTION
MATERIAL
FINISH
CENTER CONTACTS
BRASS
GOLD
OUTER CONTACT
BRASS
NICKEL
BODY
BRASS
NICKEL
CRIMP FERRULE
COPPER
NICKEL
GASKET
RUBBER
---
INSULATOR
TEFLON
---
RETAINING RING
Phosphor Bronze
---
MAY OCCUR
ALL = ± 1°
FOR RG8 / LMR400
7
M.Audas
UNDIMENSIONED FEATURES
43321
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
.XX = ±.01
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
N STRAIGHT MALE CRIMP
M.Audas
6
11/11/09
11/11/09
Initial Release
04/16/10 B.Puchaski
A
B
C
D
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
21
4
D
B.Puchaski
3
5
11/11/09
8
ANM-1406
C
CONNECTOR
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
PROJECTION
UNLESS OTHERWISE SPECIFIED,
7
ANM-1406.SLDDRW
1
NONE
MAY VARY
COLOR VARIATIONS
.X = ±.1
11/11/09 B.Puchaski
B
A
.XXX = ±.005
ECN#4368
NORTH ANDOVER, MA
07/08/06 K.Burgner
ANGULAR TOLERANCES:
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
FSCM NO.
1
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
DIMENSIONAL TOLERANCES:
Updated format and Connector info
Removed Insulator Pad, Update Body ECN#4692
C
5/8-24UNEF-2B


Similar Part No. - ANM-1406.

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
ANM-1406 L-COM-ANM-1406 Datasheet
60Kb / 1P
N STRAIGHT MALE CRIMP FOR RG8 / LMR400
11/11/09
More results

Similar Description - ANM-1406.

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4295 PASTERNACK-PE4295 Datasheet
251Kb / 2P
UHF Male Connector Crimp/Solder Attachment For RG213, RG8
PE4446 PASTERNACK-PE4446 Datasheet
108Kb / 1P
TNC MALE CRIMP ATTACHMENT FOR RG8 & RG213
PE4940 PASTERNACK-PE4940 Datasheet
86Kb / 1P
N FEMALE BULKHEAD CRIMP ATTACHMENT FOR RG8 & RG213
PE4482 PASTERNACK-PE4482 Datasheet
109Kb / 1P
N MALE RIGHT ANGLE CRIMP ATTACHMENT FOR RG8 & RG213
PE4378 PASTERNACK-PE4378 Datasheet
261Kb / 2P
BNC Male Connector Crimp/Solder Attachment For RG213, RG8
PE4493 PASTERNACK-PE4493 Datasheet
108Kb / 1P
MHV MALE CRIMP ATTACHMENT FOR RG8 & RG213
PE4570 PASTERNACK-PE4570 Datasheet
110Kb / 1P
7/16 MALE CRIMP ATTACHMENT FOR RG8 &RG213
PE4712 PASTERNACK-PE4712 Datasheet
85Kb / 1P
REVERSE POLARITY BNC MALE CRIMP ATTACHMENT FOR RG8 & RG213
PE4430 PASTERNACK-PE4430 Datasheet
372Kb / 3P
N Male Connector Crimp-Solder Attachment for RG213, RG8
PE44472 PASTERNACK-PE44472 Datasheet
251Kb / 2P
RP N Male Connector Crimp-Solder Attachment For RG213, RG8
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com