Electronic Components Datasheet Search
  English  ▼

X  

SD45 Datasheet(PDF) 2 Page - Sirectifier Semiconductors

Part # SD45
Description  Discrete Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

SD45 Datasheet(HTML) 2 Page - Sirectifier Semiconductors

  SD45 Datasheet HTML 1Page - Sirectifier Semiconductors SD45 Datasheet HTML 2Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SD45
Discrete Diodes
0.001
0.01
0.1
1
0
100
200
300
400
500
2
3
4
5 6 7 8 9
1
1
0
102
103
104
0.0
0.4
0.8
1.2
1.6
0
10
20
30
40
50
60
70
0
10
20
30
40
0
20
40
60
80
100
0
20
40
60
80 100 120 140
0.001
0.01
0.1
1
10
0.0
0.2
0.4
0.6
I
2t
I
FS M
I
F
A
V
F
t
s
t
ms
P
tot
W
I
d(AV)M
A
T
amb
t
s
K /W
A
2s
0
20 40 60 80 100 120 140
0
10
20
30
40
50
I
F(AV)M
T
C
A
V
A
°C
°C
DSI45
T VJ = 45°C
50Hz, 80% V
R R M
V R = 0 V
F ig. 1 F orward current vers us voltage
drop per diode
F ig. 2 S urge overload current
F ig. 3 I2t vers us time per diode
F ig. 4
P ower dissipation versus direct output current and ambient temperature, sine 180°
F ig. 5 Max. forward current vers us
cas e temperature
F ig. 6 T rans ient thermal impedance junction to cas e
R thHA :
0.5 K /W
1.0 K /W
1.5K /W
2.0 K /W
3.0 K /W
4.0 K /W
6.0 K /W
T VJ = 150°C
T
V J = 45° C
T
V J =150° C
T
V J = 25° C
T
V J = 150° C
ZthJC
C ons tants for Z
thJ C ca lcula tion:
i
R
thi (K /W )
t
i (s )
1
0.1633
0.016
2
0.2517
0.118
3
0.0933
0.588
4
0.04167
2.6



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com