Electronic Components Datasheet Search
  English  ▼

X  

TL431ACD Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TL431ACD
Description  ADJUSTABLE PRECISION SHUNT REGULATORS
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL431ACD Datasheet(HTML) 11 Page - Texas Instruments

Back Button TL431ACD Datasheet HTML 7Page - Texas Instruments TL431ACD Datasheet HTML 8Page - Texas Instruments TL431ACD Datasheet HTML 9Page - Texas Instruments TL431ACD Datasheet HTML 10Page - Texas Instruments TL431ACD Datasheet HTML 11Page - Texas Instruments TL431ACD Datasheet HTML 12Page - Texas Instruments TL431ACD Datasheet HTML 13Page - Texas Instruments TL431ACD Datasheet HTML 14Page - Texas Instruments TL431ACD Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 67 page
background image
TL431, TL431A, TL431B
TL432, TL432A, TL432B
ADJUSTABLE PRECISION SHUNT REGULATORS
SLVS543J − AUGUST 2004 − REVISED DECEMBER 2005
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)‡
Cathode voltage, VKA (see Note 1)
37 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous cathode current range, IKA
−100 mA to 150 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reference input current range
−50
µA to 10 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature, TJ
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
‡ Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: Voltage values are with respect to the ANODE terminal, unless otherwise noted.
package thermal data (see Note 2)
PACKAGE
BOARD
θJC
θJA
PDIP (P)
High K, JESD 51-7
57
°C/W
85
°C/W
SC-70 (DCK)
High K, JESD 51-7
259
°C/W
87
°C/W
SOIC (D)
High K, JESD 51-7
39
°C/W
97
°C/W
SOP (PS)
High K, JESD 51-7
46
°C/W
95
°C/W
SOT-89 (PK)
High K, JESD 51-7
9
°C/W
52
°C/W
SOT-23-5 (DBV)
High K, JESD 51-7
131
°C/W
206
°C/W
SOT-23-3 (DBZ)
High K, JESD 51-7
76
°C/W
206
°C/W
TO-92 (LP)
High K, JESD 51-7
55
°C/W
140
°C/W
TSSOP (PW)
High K, JESD 51-7
65
°C/W
149
°C/W
NOTE 2: Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) − TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
recommended operating conditions
MIN
MAX
UNIT
VKA
Cathode voltage
Vref
36
V
IKA
Cathode current
1
100
mA
TL43xxC
0
70
TA
Operating free-air temperature range
TL43xxI
−40
85
°C
TA
Operating free-air temperature range
TL43xxQ
−40
125
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com