Electronic Components Datasheet Search
  English  ▼

X  

CBAT2 Datasheet(PDF) 6 Page - Clarke International

Part # CBAT2
Description  12V BATTERY/ALTERNATOR TESTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CBAT2 Datasheet(HTML) 6 Page - Clarke International

Back Button CBAT2 Datasheet HTML 2Page - Clarke International CBAT2 Datasheet HTML 3Page - Clarke International CBAT2 Datasheet HTML 4Page - Clarke International CBAT2 Datasheet HTML 5Page - Clarke International CBAT2 Datasheet HTML 6Page - Clarke International CBAT2 Datasheet HTML 7Page - Clarke International CBAT2 Datasheet HTML 8Page - Clarke International CBAT2 Datasheet HTML 9Page - Clarke International CBAT2 Datasheet HTML 10Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
OPERATION
FUNCTION DESCRIPTION
1.
Testing of all 12V vehicle lead-acid batteries.
2.
Shows real-time voltage and battery charge with the results shown
as LOW/MID/FULL.
3.
Test charging system with the results shown as LOW/OVER/
CHARGE, and displays the charging voltage in real time.
4.
Two options available for connecting:
•
Directly plug into the vehicles 12V cigarette lighter socket.
•
Connect directly to the battery terminals with attached
crocodile clips test lead.
5.
Protection of reverse polarity connection and over-current, with
built in fuse.
PRECAUTIONS
1.
DO NOT test a battery within a short period of time after charging
or use, as the result maybe inaccurate.
2.
Perform the test when the battery is in a cold state, when the
voltage is stable.
3.
Make sure all electrical equipment is turned off when testing.
4.
Keep the vehicle stationary during testing. DO NOT test while the
vehicle is being driven.
BATTERY TEST
1.
Make sure that the vehicle ignition is in the off position.
2.
Connect the tester to the battery via the crocodile clips or
cigarette lighter test lead and the battery voltage value will be
shown on the LED screen.
•
Testing with the Crocodile Test Lead: Connect the red clamp
to the positive (+/red) terminal on the car battery, then
connect the black clamp to the negative (-/black) terminal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com