Electronic Components Datasheet Search
  English  ▼

X  

CSA30FPB Datasheet(PDF) 13 Page - Clarke International

Part # CSA30FPB
Description  30 TONNE HYDRAULIC PRESS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CSA30FPB Datasheet(HTML) 13 Page - Clarke International

Back Button CSA30FPB Datasheet HTML 9Page - Clarke International CSA30FPB Datasheet HTML 10Page - Clarke International CSA30FPB Datasheet HTML 11Page - Clarke International CSA30FPB Datasheet HTML 12Page - Clarke International CSA30FPB Datasheet HTML 13Page - Clarke International CSA30FPB Datasheet HTML 14Page - Clarke International CSA30FPB Datasheet HTML 15Page - Clarke International CSA30FPB Datasheet HTML 16Page - Clarke International CSA30FPB Datasheet HTML 17Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
TECHNICAL SPECIFICATIONS
Capacity
30 Tonne (30,000 kg)
Hose Operating Pressure
68 Mpa
Ram Travel
215 mm
Ram Shaft Diameter
54 mm
Net Weight
135 kg
Dimensions D x W x H
760 x 560 (exc pump) x 1700 mm
Throat Width
510 mm
No of bed positions
10
Throat Depth (Ram to pressing plate)
Platform at highest;- 0 mm
Platform at middle;- 250 mm
Platform at lowest;- 940 mm
Ram travel per stroke
4.54 mm
No of strokes to full extension
31
Pressure Gauge type
Accuracy class 2.5
Pressure Gauge range
0-45 tonnes
Length of Handle
930 mm
Pump oil capacity
1.2 litres
Oil type
VG13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com