Electronic Components Datasheet Search
  English  ▼

X  

CW40 Datasheet(PDF) 2 Page - Clarke International

Part # CW40
Description  PARTS WASHER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CW40 Datasheet(HTML) 2 Page - Clarke International

  CW40 Datasheet HTML 1Page - Clarke International CW40 Datasheet HTML 2Page - Clarke International CW40 Datasheet HTML 3Page - Clarke International CW40 Datasheet HTML 4Page - Clarke International CW40 Datasheet HTML 5Page - Clarke International CW40 Datasheet HTML 6Page - Clarke International CW40 Datasheet HTML 7Page - Clarke International CW40 Datasheet HTML 8Page - Clarke International CW40 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
INTRODUCTION
Thank you for selecting this CLARKE Parts Washer.
Before using the product, be sure to read these instructions thoroughly.
In doing so you will ensure the safety of yourself and of others around
you, and you can look forward to the product giving you long and
satisfactory service.
GUARANTEE
This CLARKE product is guaranteed against faulty manufacture for a
period of 12 months from the date of purchase. Please keep your
receipt as proof of purchase.
This guarantee is invalid if the product is found to have been abused
or tampered with in any way, or not used for its intended purpose.
Faulty goods should be returned to their place of purchase, no
product can be returned to us without prior permission.
This guarantee does not effect your statutory rights.
SPECIFICATIONS
• Accepts all common degreasing fluids.
• Fusible link automatically closes lid in case of fire.
• Easy maintenance solvent pump.
Motor:
230V, 1ph, 50Hz
Maximum Pump Rate
90 litres/hour
Tank Capacity
150 L
Fluid Capacity:
75 L
Dimensions:
(L x W x H) 1135 x 545 x 890 mm (Lid
Closed)
Weight:
42 kg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com