Electronic Components Datasheet Search
  English  ▼

X  

UPC4744 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # UPC4744
Description  Single Power Supply, High Speed, Wide Band, Quad Operational Amplifiers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC4744 Datasheet(HTML) 4 Page - Renesas Technology Corp

  UPC4744 Datasheet HTML 1Page - Renesas Technology Corp UPC4744 Datasheet HTML 2Page - Renesas Technology Corp UPC4744 Datasheet HTML 3Page - Renesas Technology Corp UPC4744 Datasheet HTML 4Page - Renesas Technology Corp UPC4744 Datasheet HTML 5Page - Renesas Technology Corp UPC4744 Datasheet HTML 6Page - Renesas Technology Corp UPC4744 Datasheet HTML 7Page - Renesas Technology Corp UPC4744 Datasheet HTML 8Page - Renesas Technology Corp UPC4744 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
UPC844, UPC4744
R03DS0137EJ0200 Rev.2.00
Page 4 of 10
Feb.14.25
CHARACTERISTICS CURVE (TA = 25 °C, TYP.) (REFERENCE VALUE)
0
200
400
600
800
1000
0
20
40
60
80 100 120 140
Operating Ambient Temperature TA [°C]
PT vs. TA
With 100 mm x 100 mm,
thickness 1 mm glass
expoxy substrate (refer to
"ABSOLUTE MAXIMUM
RATINGS Note4")
TA = -40 °C
TA = 25 °C
TA = 125 °C
0
4
8
12
16
0
10
20
30
40
Power Supply Voltage, V + [V] (V - = GND)
ICC vs. V +
ICC
V +
-
+
A
1 V
IO = 0 A
-2
-1
0
1
2
0
10
20
30
40
Power Supply Voltage, V + [V] (V - = GND)
VIO vs. V +
-4
-3
-2
-1
0
1
2
3
4
-50
0
50
100
150
Operating Ambient Temperature, TA [°C]
VIO vs. TA
V ± = ±15 V
Any 5 samples data
-10
0
10
20
30
40
0
10
20
30
40
Power Supply Voltage, V + [V] (V - = GND)
VICM vs. V +
VICM -
VICM +
0
50
100
150
200
0
10
20
30
40
Power Supply Voltage, V + [V] (V - = GND)
IB vs. V +
VIN = V + /2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com