Electronic Components Datasheet Search
  English  ▼

X  

SC8705 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # SC8705
Description  SSMA Female Bulkhead PCB Connector .062 inch End Launch Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

SC8705 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  SC8705 Datasheet HTML 1Page - Infinite Electronics International, Inc. SC8705 Datasheet HTML 2Page - Infinite Electronics International, Inc. SC8705 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
REV 2.0 Page 1 of 3
Copyright © 2016
SSMA female bulkhead connector with solder attachment for .062 inch end launch
PCB, part number SC8705, from Fairview Microwave is in-stock and ships same
day. This SSMA female connector operates up to a maximum frequency of 26
GHz and offers excellent VSWR of 1.25:1. Fairview’s SC8705 bulkhead SSMA
connector enables designers to make external connections on product enclosures,
and can be used in a variety of other rack mount and panel mount applications.
Fairview’s SSMA female bulkhead connector SC8705 datasheet specifications
and outline drawing are shown in this PDF below. Our extensive offering of RF,
microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. From providing an I/O
for a board design to creating a custom cable assembly configuration, Fairview
Microwave has a connector solution to meet your needs. Fairview Microwave also
has the expertise to build your custom cable assemblies for you and ship them
same-day.
Electrical Specifications
Description
Min
Typ
Max
Units
Frequency Range
DC
26
GHz
VSWR
1.25:1
.
Mechanical Specifications
Size
Length
0.687 in [17.45 mm]
Width/Dia.
0.375 in [9.53 mm]
Height
0.375 in [9.53 mm]
.
Weight
0.0095 lbs [4.31 g]
.
Material Specifications
.
Description
Material
Plating
Contact
Beryllium Copper
Gold
MIL-G-45204
.
Insulation
PTFE
.
Outer Conductor
Stainless Steel
Gold
MIL-G-45204
.
Environmental Specifications
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
SC8705
DATA SHEET
SSMA Female Bulkhead PCB Connector .062 inch End
Launch Solder Attachment
Fairview Microwave
1130 Junction Dr. #100
Allen, TX 75013
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com
Configuration:
• SSMA Female Connector
• MIL-STD-348
• 50 Ohms
• Straight Body Geometry
• .062 inch End Launch Interface
Type
• Solder Attachment
• Bulkhead
• 1/4 inch Hex
Features:
• Operating Frequency
of 26 GHz Max.
• Excellent VSWR of 1.25:1
• Gold Plated Beryllium
Copper Contact
• Contact plating according
to MIL-G-45204
Applications:
• General Purpose Test
• Rack and Panel Mount
Applications
• PCB Applications


Similar Part No. - SC8705

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SC8702 FAIRVIEW-SC8702 Datasheet
501Kb / 3P
SSMA Female Bulkhead PCB Connector .042 inch End Launch Solder Attachment
REV 2.0
More results

Similar Description - SC8705

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44206 PASTERNACK-PE44206 Datasheet
285Kb / 3P
SMA Female Connector Solder Attachment 0.031 inch End Launch PCB
PE44615 PASTERNACK-PE44615 Datasheet
222Kb / 2P
N Female Bulkhead Connector Solder Attachment End Launch PCB, .630 inch Diameter
PE44620 PASTERNACK-PE44620 Datasheet
215Kb / 2P
75 Ohm BNC Female Bulkhead Connector Solder Attachment End Launch PCB, .500 inch Diameter
PE44616 PASTERNACK-PE44616 Datasheet
210Kb / 2P
BNC Female Connector Solder Attachment End Launch PCB
PE44618 PASTERNACK-PE44618 Datasheet
216Kb / 2P
BNC Female Bulkhead Connector Solder Attachment End Launch PCB, .500 inch Diameter
PE44614 PASTERNACK-PE44614 Datasheet
234Kb / 2P
SMA Female Connector Solder Attachment 0.078 inch End Launch PCB
PE44848 PASTERNACK-PE44848 Datasheet
235Kb / 2P
SMC Female Bulkhead Connector Solder Attachment 0.062 inch End Launch PCB
PE44943 PASTERNACK-PE44943 Datasheet
375Kb / 3P
SMP Male Full Detent Connector Solder Attachment .062 inch End Launch PCB
PE45405 PASTERNACK-PE45405 Datasheet
461Kb / 3P
SSMA Female Bulkhead Mount Connector Solder Attachment .042 inch End Launch PCB
PE45406 PASTERNACK-PE45406 Datasheet
462Kb / 3P
SSMA Female Bulkhead Mount Connector Solder Attachment .062 inch End Launch PCB
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com