Electronic Components Datasheet Search
  English  ▼

X  

TDA7463D Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7463D
Description  LOW VOLTAGE TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7463D Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7463D Datasheet HTML 1Page - STMicroelectronics TDA7463D Datasheet HTML 2Page - STMicroelectronics TDA7463D Datasheet HTML 3Page - STMicroelectronics TDA7463D Datasheet HTML 4Page - STMicroelectronics TDA7463D Datasheet HTML 5Page - STMicroelectronics TDA7463D Datasheet HTML 6Page - STMicroelectronics TDA7463D Datasheet HTML 7Page - STMicroelectronics TDA7463D Datasheet HTML 8Page - STMicroelectronics TDA7463D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
TDA7463D
June 2004
1FEATURES
1 STEREO INPUT
1 STEREO OUTPUT
TREBLE BOOST
BASS CONTROL
BASS AUTOMATIC LEVEL CONTROL
VOLUME CONTROL IN 1dB STEPS
MUTE
STAND-BY FUNCTION SOFTWARE
CONTROLLED
ALL FUNCTION ARE PROGRAMMABLE VIA
SERIAL BUS
2DESCRIPTION
The TDA7463 is a volume tone (bass and treble)
processor for quality audio applications in Low
voltage supply portable systems.
Bass ALC (Automatic Level Control) function can
be adjusted by a dedicated pin. The control of all
the functions is accomplished by serial bus.
The AC signal setting is obtained by resistor net-
works and switches combined with operational
amplifiers. Thanks to the used BIPOLAR/CMOS
Technology,
Low Distortion, Low Noise and DC stepping are
obtained.obtained.
LOW VOLTAGE TONE CONTROL
DIGITALLY CONTROLLED AUDIO PROCESSOR
Figure 2. Block Diagram
IN-R
ALC
IN-L
C1 0.47
µF
C2 0.47
µF
SUPPLY
VS
VS
VS
VS
GND
CREF
TREBLE-L
D96AU482B
I2C BUS DECODER + LATCHES
SCL
I2C
SDA
SCL
SDA
OUT-L
OUT-R
C7
22
µF
C8
100nF
C9
100
µF
+
TREBLE-R
RB
RB
BASSI-R
BASSO-R
x1
x5
x1
x5
C3 0.47
µF
C4
3.3nF
C12 3.3nF
R1
1M
R5
5.6K
100nF
100nF
C6
100nF
C5
100nF
C11
C10
R2
5.6K
R3
1K
TREBLE
-63dB
CONTROL
-63dB
CONTROL
TREBLE
BASS
BASS
BASS_ALC
CONTROL
HALF_WAVE
RECTIFIER
50K
50K
VREF
0/-10dB
0/-10dB
BASSO-L
BASSI-L
R4
1K
VS
DGND
1
2
3
4
REV. 4
Figure 1. Package
Table 1. Order Codes
Part Number
Package
TDA7463D
SO16
TDA7463D013TR
Tape & Reel
SO16


Similar Part No. - TDA7463D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7463D STMICROELECTRONICS-TDA7463D Datasheet
151Kb / 11P
LOW VOLTAGE TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
May-2002
TDA7463D STMICROELECTRONICS-TDA7463D Datasheet
112Kb / 12P
LOW VOLTAGE TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
Jun-2004
TDA7463D STMICROELECTRONICS-TDA7463D Datasheet
175Kb / 12P
LOW VOLTAGE TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
26-Apr-2010
TDA7463D013TR STMICROELECTRONICS-TDA7463D013TR Datasheet
112Kb / 12P
LOW VOLTAGE TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
Jun-2004
TDA7463D013TR STMICROELECTRONICS-TDA7463D013TR Datasheet
175Kb / 12P
LOW VOLTAGE TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
26-Apr-2010
More results

Similar Description - TDA7463D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7440D STMICROELECTRONICS-TDA7440D Datasheet
212Kb / 17P
TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
REV. 3
TDA7449 STMICROELECTRONICS-TDA7449 Datasheet
128Kb / 17P
TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
Apr-1999
TDA7463D STMICROELECTRONICS-TDA7463D Datasheet
151Kb / 11P
LOW VOLTAGE TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
May-2002
TDA7463AD STMICROELECTRONICS-TDA7463AD Datasheet
90Kb / 11P
LOW VOLTAGE TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
Jun-2004
TDA7863D STMICROELECTRONICS-TDA7863D Datasheet
112Kb / 12P
LOW VOLTAGE TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
Jun-2004
TDA7449 STMICROELECTRONICS-TDA7449_04 Datasheet
200Kb / 19P
TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
Jun-2004
TDA7463A STMICROELECTRONICS-TDA7463A_1 Datasheet
123Kb / 12P
LOW VOLTAGE TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
Jun-2004
TDA7463AD STMICROELECTRONICS-TDA7463AD_05 Datasheet
145Kb / 13P
LOW VOLTAGE TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
Nov-2005
TDA7440 STMICROELECTRONICS-TDA7440_10 Datasheet
741Kb / 17P
TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
30-Apr-2010
TDA7463 STMICROELECTRONICS-TDA7463 Datasheet
175Kb / 12P
LOW VOLTAGE TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
26-Apr-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com