Electronic Components Datasheet Search
  English  ▼

X  

B33 Datasheet(PDF) 2 Page - Brady Worldwide, Inc.

Part # B33
Description  PermaSleeve Ps Polyolefin Wire Marking Sleeves
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRADY [Brady Worldwide, Inc.]
Direct Link  https://www.bradyid.com/
Logo BRADY - Brady Worldwide, Inc.

B33 Datasheet(HTML) 2 Page - Brady Worldwide, Inc.

  B33 Datasheet HTML 1Page - Brady Worldwide, Inc. B33 Datasheet HTML 2Page - Brady Worldwide, Inc. B33 Datasheet HTML 3Page - Brady Worldwide, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
410
B30 & B33 Series Materials
5JWRF8QJJ[J® 585TQ^TQJS<NWJ2FWPNSL8QJJ[JX'
Standard Military/Industrial Grade. 3:1 Shrink ratio.
• A 3:1 heat shrinkable wire marker sleeve that fits snugly around wires
• Can be used for identification or wire protection
• Fade-resistant and flame-retardant
• Meets the following insulating and physical property
specifications:
- SAE-AMS-DTL-23053/5C (class 1)
- SAE-AS-81531
- MIL-STD-202
- Tested per ASTM E162, ASTM E662
Service temp: -40°F to 267°F
(short burst max temp: 5 min at 500°F, 24 hrs at 350°F)
Agency Approvals:
®
Figure 20
A
B
(Ø diameter)
Figure 20-2
A
B
(Ø diameter)
Fits
Printer
Model
Diagram Catalog #
Material Color
For Wire
Gauge
(approx.)
For Wire Diameters
Inch (mm)
Min.
Max.
Supplied
Diameter B
Inch (mm)
Recovered
Diameter
Inch (mm)
Recovered
Wall Thickness
Inch (mm)
Sleeves
Per
Per
Row
Roll
Rec.
Ribbon
3:1 Shrink ratio single-side printable, 2” sleeve width (dimension A):
BBP33
Fig. 20
B33-94-2-342
B-342
White
28 to 20
0.023 (0.6) - 0.080 (2.0)
0.094 (2.4)
0.024 (0.6)
.024 (0.6) +/- .003 (0.07)
1
1000 B30-R4300
BBP33
Fig. 20
B33-125-2-342
B-342
White
22 to 16
0.046 (1.2) - 1.110 (2.8)
0.125 (3.2)
0.047 (1.2)
.020 (0.5) +/- .003 (0.07)
1
1000 B30-R4300
BBP33
Fig. 20
B33-187-2-342
B-342
White
20 to 10
0.062 (1.6) - 0.150 (3.8)
0.187 (4.7)
0.062 (1.6)
.020 (0.5) +/- .003 (0.07)
1
750
B30-R4300
BBP33
Fig. 20
B33-250-2-342
B-342
White
16 to 8
0.094 (2.4) - 0.215 (5.5)
0.250 (6.4)
0.093 (2.4)
.025 (0.6) +/- .003 (0.07)
1
500
B30-R4300
BBP33
Fig. 20
B33-375-2-342
B-342
White
12 to 4
0.125 (3.2) - 0.320 (8.1)
0.375 (9.5)
0.125 (3.1)
.025 (0.6) +/- .003 (0.07)
1
500
B30-R4300
BBP33
Fig. 20
B33-500-2-342
B-342
White
8 to 1
0.187 (4.8) - 0.450 (11.4)
0.500 (12.7)
0.187 (4.7)
.025 (0.6) +/- .003 (0.07)
1
350
B30-R4300
BBP33
Fig. 20
B33-750-2-342
B-342
White
6 to 4/0
0.250 (6.4) - 0.700 (17.8)
0.750 (19.0)
0.250 (6.4)
.025 (0.6) +/- .003 (0.07)
1
250
B30-R4300
BBP33
Fig. 20
B33-1000-2-342
B-342
White
2 to 0.950 dia
0.333 (8.5) - 0.950 (24.1)
1.000 (25.4)
0.375 (9.5)
.036 (0.9) +/- .003 (0.07)
1
250
B30-R4300
BBP33
Fig. 20
B33-1500-2-342
B-342
White
n/a
0.500 (12.7) - 1.400 (35.6) 1.500 (38.1)
0.500 (12.7)
.035 (0.9) +/- .003 (0.07)
1
150
B30-R4300
BBP33
Fig. 20
B33-94-2-342YL
B-342
Yellow 28 to 20
0.023 (0.6) - 0.080 (2.0)
0.094 (2.4)
0.024 (0.6)
.024 (0.6) +/- .003 (0.07)
1
1000 B30-R4300
BBP33
Fig. 20
B33-125-2-342YL
B-342
Yellow 22 to 16
0.046 (1.2) - 1.110 (2.8)
0.125 (3.2)
0.047 (1.2)
.020 (0.5) +/- .003 (0.07)
1
1000 B30-R4300
BBP33
Fig. 20
B33-187-2-342YL
B-342
Yellow 20 to 10
0.062 (1.6) - 0.150 (3.8)
0.187 (4.7)
0.062 (1.6)
.020 (0.5) +/- .003 (0.07)
1
750
B30-R4300
BBP33
Fig. 20
B33-250-2-342YL
B-342
Yellow 16 to 8
0.094 (2.4) - 0.215 (5.5)
0.250 (6.4)
0.093 (2.4)
.025 (0.6) +/- .003 (0.07)
1
500
B30-R4300
BBP33
Fig. 20
B33-375-2-342YL
B-342
Yellow 12 to 4
0.125 (3.2) - 0.320 (8.1)
0.375 (9.5)
0.125 (3.1)
.025 (0.6) +/- .003 (0.07)
1
500
B30-R4300
BBP33
Fig. 20
B33-500-2-342YL
B-342
Yellow 8 to 1
0.187 (4.8) - 0.450 (11.4)
0.500 (12.7)
0.187 (4.7)
.025 (0.6) +/- .003 (0.07)
1
350
B30-R4300
BBP33
Fig. 20
B33-750-2-342YL
B-342
Yellow 6 to 4/0
0.250 (6.4) - 0.700 (17.8)
0.750 (19.0)
0.250 (6.4)
.025 (0.6) +/- .003 (0.07)
1
250
B30-R4300
BBP33
Fig. 20
B33-1000-2-342YL
B-342
Yellow 2 to 0.950 dia
0.333 (8.5) - 0.950 (24.1)
1.000 (25.4)
0.375 (9.5)
.036 (0.9) +/- .003 (0.07)
1
250
B30-R4300
BBP33
Fig. 20
B33-1500-2-342YL
B-342
Yellow n/a
0.500 (12.7) - 1.400 (35.6) 1.500 (38.1)
0.500 (12.7)
.035 (0.9) +/- .003 (0.07)
1
150
B30-R4300
BBP33
Fig. 20
B33-1500-2-342BK
B-342
Black
n/a
0.500 (12.7) - 1.400 (35.6) 1.500 (38.1)
0.500 (12.7)
.035 (0.9) +/- .003 (0.07)
1
150
B30-R4500-SV
3:1 Shrink ratio single-side printable, 1” sleeve width in “2-up pre-cut” configuration (dimension A):
BBP33
Fig. 20-2 B33-94-2-342-2
B-342
White
28 to 20
0.023 (0.6) - 0.080 (2.0)
0.094 (2.4)
0.024 (0.6)
.024 (0.6) +/- .003 (0.07)
2
2000 B30-R4300
BBP33
Fig. 20-2 B33-125-2-342-2
B-342
White
22 to 16
0.046 (1.2) - 0.111 (2.8)
0.125 (3.2)
0.047 (1.2)
.020 (0.5) +/- .003 (0.07)
2
2000 B30-R4300
BBP33
Fig. 20-2 B33-187-2-342-2
B-342
White
20 to 10
0.062 (1.6) - 0.150 (3.8)
0.187 (4.7)
0.062 (1.6)
.020 (0.5) +/- .003 (0.07)
2
1500 B30-R4300
BBP33
Fig. 20-2 B33-250-2-342-2
B-342
White
16 to 8
0.094 (2.4) - 0.215 (5.5)
0.250 (6.4)
0.093 (2.4)
.025 (0.6) +/- .003 (0.07)
2
1000 B30-R4300
BBP33
Fig. 20-2 B33-375-2-342-2
B-342
White
12 to 4
0.125 (3.2) - 0.320 (8.1)
0.375 (9.5)
0.125 (3.1)
.025 (0.6) +/- .003 (0.07)
2
1000 B30-R4300
BBP33
Fig. 20-2 B33-500-2-342-2
B-342
White
8 to 1
0.187 (4.8) - 0.450 (11.4)
0.500 (12.7)
0.119 (3.0)
.025 (0.6) +/- .003 (0.07)
2
700
B30-R4300
BBP33
Fig. 20-2 B33-750-2-342-2
B-342
White
6 to 4/0
0.250 (6.4) - 0.700 (17.8)
0.750 (19.1)
0.250 (6.35)
.025 (0.6) +/- .003 (0.07)
2
500
B30-R4300
BBP33
Fig. 20-2 B33-1000-2-342-2
B-342
White
2 to 0.950 dia
0.333 (8.5) - 0.950 (24.1)
1.000 (25.4)
0.375 (9.5)
.036 (0.9) +/- .003 (0.07)
2
500
B30-R4300
BBP33
Fig. 20-2 B33-1500-2-342-2
B-342
White
n/a
0.500 (12.7) - 1.400 (35.6) 1.500 (38.1)
0.500 (12.7)
.035 (0.9) +/- .003 (0.07)
2
150
B30-R4300
BBP33
Fig. 20-2 B33-94-2-342YL-2
B-342
Yellow 28 to 20
0.023 (0.6) - 0.080 (2.0)
0.094 (2.4)
0.024 (0.6)
.024 (0.6) +/- .003 (0.07)
2
2000 B30-R4300
BBP33
Fig. 20-2 B33-125-2-342YL-2
B-342
Yellow 22 to 16
0.046 (1.2) - 0.111 (2.8)
0.125 (3.2)
0.047 (1.2)
.020 (0.5) +/- .003 (0.07)
2
2000 B30-R4300
BBP33
Fig. 20-2 B33-750-2-342YL-2
B-342
Yellow 6 to 4/0
0.250 (6.4) - 0.700 (17.8)
0.750 (19.1)
0.250 (6.35)
.025 (0.6) +/- .003 (0.07)
2
500
B30-R4300
BBP33
Fig. 20-2 B33-500-2-342YL-2
B-342
Yellow 8 to 1
0.187 (4.8) - 0.450 (11.4)
0.500 (12.7)
0.119 (3.0)
.025 (0.6) +/- .003 (0.07)
2
700
B30-R4300
BBP33
Fig. 20-2 B33-1000-2-342YL-2
B-342
Yellow 2 to 0.950 dia
0.333 (8.5) - 0.950 (24.1)
1.000 (25.4)
0.375 (9.5)
.036 (0.9) +/- .003 (0.07)
2
500
B30-R4300
BBP33
Fig. 20-2 B33-1500-2-342YL-2
B-342
Yellow n/a
0.500 (12.7) - 1.400 (35.6) 1.500 (38.1)
0.500 (12.7)
.035 (0.9) +/- .003 (0.07)
2
300
B30-R4300
BradyID.com/s35
11b_BBP30-37_Materials.indd 410
7/6/17 4:55 PM



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com