Electronic Components Datasheet Search
  English  ▼

X  

PSW1 Datasheet(PDF) 3 Page - Clarke International

Part # PSW1
Description  PLASTIC STAPLER/WELDER KIT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

PSW1 Datasheet(HTML) 3 Page - Clarke International

  PSW1 Datasheet HTML 1Page - Clarke International PSW1 Datasheet HTML 2Page - Clarke International PSW1 Datasheet HTML 3Page - Clarke International PSW1 Datasheet HTML 4Page - Clarke International PSW1 Datasheet HTML 5Page - Clarke International PSW1 Datasheet HTML 6Page - Clarke International PSW1 Datasheet HTML 7Page - Clarke International PSW1 Datasheet HTML 8Page - Clarke International PSW1 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
SPECIFICATIONS
GUARANTEE
This product is guaranteed against faulty manufacture for a period of 12
months from the date of purchase. Please keep your receipt which will be
required as proof of purchase.
This guarantee is invalid if the product is found to have been abused or
tampered with in any way, or not used for the purpose for which it was
intended.
Faulty goods should be returned to their place of purchase, no product can
be returned to us without prior permission.
This guarantee does not effect your statutory rights.
Item
Specification
Dimensions (L x W x H)
220 x 55 x 235 mm - product
330 x 275 x 80mm - carry case
Weight
620 g (stapler only)
Operating voltage & frequency
230V ~ 50 Hz
Heater rated input wattage
75W
Heater rated input current
<1A
Plug fuse rating
10A
Ingress protection
IP20
Power cable length
1.8m
Duty cycle
15 sec on/10 sec off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com