Electronic Components Datasheet Search
  English  ▼

X  

350 Datasheet(PDF) 2 Page - Stannol GmbH & Co KG

Part # 350
Description  For repairs and subsequent mounting of SMD components
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANNOL [Stannol GmbH & Co KG]
Direct Link  https://www.stannol.de/en/
Logo STANNOL - Stannol GmbH & Co KG

350 Datasheet(HTML) 2 Page - Stannol GmbH & Co KG

  350 Datasheet HTML 1Page - Stannol GmbH & Co KG 350 Datasheet HTML 2Page - Stannol GmbH & Co KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
STANNOL GmbH & Co. KG • TDS_Fine_Fluxer_350_EN • Stand: 23.01.2020
Haberstr. 24 • 42551 Velbert • Tel: +49 (0)2051-3120-0 • Fax: +49 (0)2051-3120-111 • E-Mail: info@stannol.de • www.stannol.de
2
PHYSICAL PROPERTIES AND DATA
GENERAL PROPERTIES
FINE FLUXER 350
Colour:
light-yellow
Density at (20° C):
0,811 g/cm3
Solid content:
3,5 %
Acid rating:
27 mg KOH/g
Copper mirror test:
passed
Silver chromate paper test:
passed
Surface Insulation Resistance:
>108 Ω
Corrosion:
none
SHELF LIFE
2 years (provided proper storage, unopened).
HEALTH AND SAFETY
Before using please read the material safety data sheet carefully and observe the safety precautions described.
NOTE
The above values are typical and represent no form of specification. The Data Sheet serves for information purposes. Any verbal or written advise is not binding
for the company, whether such information originates from the company offices or from a sales representative. This is also in respect of any protection rights of
third parties, and does not release the customer from the responsibility of verifying the products of the company for suitability of use for the intended process or
purpose. Should any liability on the part of the company arise, the company will only indemnify for loss or damage to the same extent as for defects in quality.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com