Electronic Components Datasheet Search
  English  ▼

X  

DIO7416CL8 Datasheet(PDF) 4 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO7416CL8
Description  Ultra-Low-Voltage I2C Translator with Rise Time Accelerators
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO7416CL8 Datasheet(HTML) 4 Page - DIOO MICROCIRCUITS CO., LTD

  DIO7416CL8 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO7416CL8 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO7416CL8 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO7416CL8 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO7416CL8 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO7416CL8 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO7416CL8 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO7416CL8 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO7416CL8 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
DIO7416
Version 1.2, Sep 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
1
1. Pin Assignment and Functions
Figure 1. DFN1.35*0.8-8 (Top view)
Figure 2. TSOT23-8 (Top view)
Figure 3. DFN1.4*1-8 (Top view)
Pin Name
I/O
Description
SCL_A
I/O
Input/output A. Referenced to VCCA.
VCCA
Power
A-port supply voltage. 1.08 V ≤ VCCA ≤ 3.6 V.
SDA_A
I/O
Input/output A. Referenced to VCCA.
GND
GND
Ground.
SDA_B
I/O
Input/output B. Referenced to VCCB.
VCCB
Power
B-port supply voltage. 1.08 V ≤ VCCB ≤ 3.6 V.
SCL_B
I/O
Input/output B. Referenced to VCCB.
EN
Input
Enable (active high). Pull EN low to enter shutdown mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com