Electronic Components Datasheet Search
  English  ▼

X  

DIO7527 Datasheet(PDF) 1 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO7527
Description  5.5V Current Limited Load Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO7527 Datasheet(HTML) 1 Page - DIOO MICROCIRCUITS CO., LTD

  DIO7527 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO7527 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO7527 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO7527 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO7527 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO7527 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO7527 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO7527 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO7527 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Rev 1.0
www.dioo.com
© 2017 DIOO MICROCIRCUITS CO., LTD
DIO7527• Rev. 1.0
DIO7527
5.5V Current Limited Load Switch
Features
Input voltage range: 2.7V to 5.5V
70mΩ typical RDS(ON)
70µA quiescent current
Under-Voltage Lockout
High precision over current trigger point
Open-drain Fault Flag Pin
Output Reverse-Voltage Protection
6kV output pin ESD
Available in Package of SOT23-5
,
SOT23-6,
MSOP-8,
EP-MSOP-8
Application
Hot Swap Supplies
Notebook Computers
Peripheral Ports
Personal Communication Devices
Descriptions
The DIO7527 is a current limited P-channel
MOSFET power switch, which designed for high
side load switch applications.
An open-drain flag output is also available to
indicate fault condition, including over current,
thermal
shutdown,
input
UVLO
and
output
reverse-voltage condition.
The
load-switch
product
family
from
DIOO
including almost all industry standard. Please
contact our sales if you are interested.
Block Diagram
Figure 1 Functional Block Diagram


Similar Part No. - DIO7527

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO7552B-7553B DIOO-DIO7552B-7553B Datasheet
732Kb / 10P
Precision Adjustable Current-Limited Power Distribution Switches
Rev 1.3
DIO7552BCD6 DIOO-DIO7552BCD6 Datasheet
732Kb / 10P
Precision Adjustable Current-Limited Power Distribution Switches
Rev 1.3
DIO7552BST6 DIOO-DIO7552BST6 Datasheet
732Kb / 10P
Precision Adjustable Current-Limited Power Distribution Switches
Rev 1.3
DIO75530 DIOO-DIO75530 Datasheet
1Mb / 15P
Precision Adjustable Current-Limited Power Distribution Switches
Version 1.3, Aug 2025
DIO75530HCD6 DIOO-DIO75530HCD6 Datasheet
1Mb / 15P
Precision Adjustable Current-Limited Power Distribution Switches
Version 1.3, Aug 2025
More results

Similar Description - DIO7527

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4612 ANALOGICTECH-AAT4612 Datasheet
670Kb / 10P
Current Limited Load Switch
logo
Advanced Analog Technol...
AAT4610 AAT-AAT4610 Datasheet
252Kb / 10P
Current Limited Load Switch
2006.09.1.3
AAT4612 AAT-AAT4612 Datasheet
241Kb / 11P
Current Limited Load Switch
2006.09.1.3
AAT4618 AAT-AAT4618 Datasheet
251Kb / 11P
Current Limited Load Switch
2006.05.1.2
logo
Advanced Analogic Techn...
AAT4610A ANALOGICTECH-AAT4610A_07 Datasheet
191Kb / 11P
Current Limited Load Switch
AAT4612 ANALOGICTECH-AAT4612_06 Datasheet
241Kb / 11P
Current Limited Load Switch
AAT4618 ANALOGICTECH-AAT4618_06 Datasheet
251Kb / 11P
Current Limited Load Switch
logo
Eutech Microelectronics...
EUP3510 EUTECH-EUP3510 Datasheet
206Kb / 9P
Current Limited Load Switch
logo
Global Mixed-mode Techn...
G527 GMT-G527 Datasheet
110Kb / 1P
Current Limited Load Switch
G5255 GMT-G5255 Datasheet
75Kb / 1P
Current Limited Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com