Electronic Components Datasheet Search
  English  ▼

X  

DIO7416TST8 Datasheet(PDF) 13 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO7416TST8
Description  Ultra-Low-Voltage I2C Translator with Rise Time Accelerators
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO7416TST8 Datasheet(HTML) 13 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO7416TST8 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO7416TST8 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO7416TST8 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO7416TST8 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO7416TST8 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO7416TST8 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO7416TST8 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIO7416TST8 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD DIO7416TST8 Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
DIO7416
Version 1.2, Sep 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
10
VCCA = 1.8 V
10
VCCA = 2.5 V
9.5
VCCA = 3.6 V
9
tFB
From port A to port B
VCCA = 1.08 V
VCCB = 1.08 V
18.5
ns
VCCB = 1.8 V
27
VCCB = 2.5 V
27
VCCB = 3.6 V
28
VCCA = 1.8 V
VCCB = 1.08 V
18.5
ns
VCCB = 1.8 V
12
VCCB = 2.5 V
14
VCCB = 3.6 V
15
VCCA = 2.5 V
VCCB = 1.08 V
17
ns
VCCB = 1.8 V
12
VCCB = 2.5 V
10
VCCB = 3.6 V
11.5
VCCA = 3.6 V
VCCB = 1.08 V
10
ns
VCCB = 1.8 V
9.5
VCCB = 2.5 V
9
VCCB = 3.6 V
9
Data rate
Push-pull driving
VCCA = 1.2 to
3.3 V
VCCB = 1.2 to
3.3 V
4
MHz
tW
Pulse duration
(push-pull driving, data inputs)
VCCA = 1.2 to
3.3 V
VCCB = 1.2 to
3.3 V
125
ns
Note:
(1) Specifications subject to change without notice.
Figure 4. Test circuit for open-drain output
Note:
(1) RL = 1.3 kΩ.
(2) CL includes probe and jig capacitance. CL = 47 pF when on the B-side.
(3) All input pulses are supplied by generators having the following characteristics: PRR ≤ 10 MHz, ZO = 50 Ω, slew rate ≥ 1
V/ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com