Electronic Components Datasheet Search
  English  ▼

X  

DIO7758 Datasheet(PDF) 9 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO7758
Description  300 mA, Ultra-Low-Noise, Low-IQ LDO
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO7758 Datasheet(HTML) 9 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO7758 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO7758 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO7758 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO7758 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO7758 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO7758 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO7758 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO7758 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO7758 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
DIO7758
www.dioo.com
© 2022 DIOO MICROCIRCUITS CO., LTD
DIO7758• Rev. 1.6
Detailed Description
Overview
The DIO7758 series of LDO linear regulators is low quiescent current devices with excellent line and load transient
performance. These LDOs are designed for power-sensitive applications. A precision bandgap and error amplifier
provide overall 1% accuracy. Low output noise, very high PSRR, and low dropout voltage make this series of
devices ideal for most battery-operated handheld equipment. All device versions have integrated thermal
shutdown, and current limit.
Block Diagram
Internal Current Limit
The DIO7758 internal current limit helps to protect the regulator during fault conditions. During the current limit,
the output sources a fixed amount of current that is largely independent of the output voltage. In such a case, the
output voltage is not regulated and is VOUT = ICL × RLOAD. The PMOS pass transistor dissipates (VIN – VOUT) × ICL
until the thermal shutdown is triggered and the device turns off. As the device cools down, it is turned on by the
internal thermal shutdown circuit. If the fault condition continues, the device cycles between the current limit and
thermal shutdown.
The PMOS pass element in the DIO7758 has a built-in body diode that conducts current when the voltage at OUT
exceeds the voltage at IN. This current is not limited, so if extended reverse voltage operation is anticipated,
external limiting to 5% of the rated output current is recommended.
Shut down
The enable pin (EN) is active high. The device is enabled when the voltage at EN pin goes above 1 V. The device
is turned off when the EN pin is held at less than 0.4 V. When shutdown capability is not required, EN can be
connected to the IN pin.
Dropout Voltage
The DIO7758 uses a PMOS pass transistor to achieve low dropout. When (VIN – VOUT) is less than the dropout
voltage (VDO), the PMOS pass device is in the linear region of operation and the input-to-output resistance is the
RDS(on) of the PMOS pass element. VDO scales approximately with output current because the PMOS device
behaves as a resistor in dropout.
DIO775 8
LOGI C
Ban dgap
UVLO
The rm al
Shu tdo wn
Cu rr ent
Limit
VIN
EN
GND
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com