Electronic Components Datasheet Search
  English  ▼

X  

M74HC181 Datasheet(PDF) 8 Page - STMicroelectronics

Part # M74HC181
Description  ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC181 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M74HC181 Datasheet HTML 4Page - STMicroelectronics M74HC181 Datasheet HTML 5Page - STMicroelectronics M74HC181 Datasheet HTML 6Page - STMicroelectronics M74HC181 Datasheet HTML 7Page - STMicroelectronics M74HC181 Datasheet HTML 8Page - STMicroelectronics M74HC181 Datasheet HTML 9Page - STMicroelectronics M74HC181 Datasheet HTML 10Page - STMicroelectronics M74HC181 Datasheet HTML 11Page - STMicroelectronics M74HC181 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
AC ELECTRICAL CHARACTERISTICS (CL =50 pF, Input tr =tf =6 ns)
Symbol
Parameter
Test Conditions
Value
Unit
VCC
(V)
TA =25
oC
54HC and 74HC
-40 to 85
oC
74HC
Min.
Typ.
Max.
Min.
Max.
tTLH
tTHL
Output Transition Time
2.0
30
75
95
ns
4.5
8
15
19
6.0
7
13
16
tPLH
tPHL
Propagation Delay Time
(1)
2.0
54
120
150
ns
4.5
16
24
30
6.0
13
20
26
tPLH
tPHL
Propagation Delay Time
(2)
2.0
90
215
270
ns
4.5
26
43
54
6.0
20
37
46
tPLH
tPHL
Propagation Delay Time
(3)
2.0
97
215
270
ns
4.5
27
43
54
6.0
21
37
46
tPLH
tPHL
Propagation Delay Time
(4)
2.0
80
180
225
ns
4.5
23
36
45
6.0
18
31
38
tPLH
tPHL
Propagation Delay Time
(5)
2.0
81
190
240
ns
4.5
24
38
48
6.0
19
32
41
tPLH
tPHL
Propagation Delay Time
(6)
2.0
80
180
225
ns
4.5
23
36
45
6.0
18
31
38
tPLH
tPHL
Propagation Delay Time
(7)
2.0
80
170
215
ns
4.5
23
34
43
6.0
18
29
37
tPLH
tPHL
Propagation Delay Time
(8)
2.0
80
170
215
ns
4.5
23
34
43
6.0
18
29
37
tPLH
tPHL
Propagation Delay Time
(9)
2.0
95
220
275
ns
4.5
27
44
55
6.0
21
37
47
tPLH
tPHL
Propagation Delay Time
(10)
2.0
95
220
275
ns
4.5
27
44
55
6.0
21
37
47
tPLH
tPHL
Propagation Delay Time
(11)
2.0
86
200
250
ns
4.5
24
40
50
6.0
18
34
43
tPLZ
tPZL
Propagation Delay Time
(12)
2.0
RL =1k
Ω
92
210
265
ns
4.5
27
42
53
6.0
27
36
45
CIN
Input Capacitance
5
10
10
pF
CPD (*)
Power Dissipation Capacitance
195
pF
(*) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without load.
(Refer to Test Circuit). Average operting current can be obtained by the following equation. ICC(opr) = CPD
•VCC •fIN +ICC
M74HC181
8/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com