Electronic Components Datasheet Search
  English  ▼

X  

1971000000 Datasheet(PDF) 1 Page - Weidmuller

Part # 1971000000
Description  SCZ 3.81/10/180F SN OR BX
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1971000000 Datasheet(HTML) 1 Page - Weidmuller

  1971000000 Datasheet HTML 1Page - Weidmuller 1971000000 Datasheet HTML 2Page - Weidmuller 1971000000 Datasheet HTML 3Page - Weidmuller 1971000000 Datasheet HTML 4Page - Weidmuller 1971000000 Datasheet HTML 5Page - Weidmuller 1971000000 Datasheet HTML 6Page - Weidmuller 1971000000 Datasheet HTML 7Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Data sheet
SCZ 3.81/10/180F SN OR BX
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
 
Product image
The inverted SCZ pin plug with clamping-yoke screw con-
nection is designed for straight wire connections in 3.81-
mm pitch. It can be used in two ways:
• for wire-to-wire connections together with the BCZ
• as a mating plug for the touch-safe BCL socket block on
the PCB.
The SCZ is available in four different versions:
• Without flange ("G", closed)
• With standard flange ("F", with socket nut)
• With inverted flange ("FI", with screw)
• and with Weidmüller's patented release latch for a tool-
free, no-strain disconnect
The SCZ provides space for labelling and can be coded.
General ordering data
 
Version
PCB plug-in connector, male plug, 3.81 mm, Num-
ber of poles: 10, 180°, Clamping yoke connection,
Clamping range, max. : 1.5 mm², Box
Order No.
1971000000
Type
SCZ 3.81/10/180F SN OR BX
GTIN (EAN)
4032248680818
Qty.
50 items
Product data
IEC: 320 V / 17.5 A / 0.2 - 1.5 mm²
UL: 300 V / 10 A / AWG 28 - AWG 16
Packaging
Box
 
 
Creation date 28.02.2026 11:39:53 MEZ
 
Catalogue status / Drawings
1


Similar Part No. - 1971000000

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1971002 PHOENIX-1971002 Datasheet
75Kb / 5P
Printed-circuit board connector - SMSTB 2,5/15-STF
More results

Similar Description - 1971000000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1012640000 WEIDMULLER-1012640000 Datasheet
74Kb / 4P
BLF 5.08/02/180F SN BK BX
1012730000 WEIDMULLER-1012730000 Datasheet
74Kb / 4P
BLF 5.08/10/180F SN BK BX
1012750000 WEIDMULLER-1012750000 Datasheet
74Kb / 4P
BLF 5.08/12/180F SN BK BX
1793040000 WEIDMULLER-1793040000 Datasheet
86Kb / 6P
BCZ 3.81/2/180F SN GN
1793050000 WEIDMULLER-1793050000 Datasheet
86Kb / 6P
BCZ 3.81/3/180F SN GN
1793060000 WEIDMULLER-1793060000 Datasheet
86Kb / 6P
BCZ 3.81/4/180F SN GN
1793070000 WEIDMULLER-1793070000 Datasheet
86Kb / 6P
BCZ 3.81/5/180F SN GN
1793080000 WEIDMULLER-1793080000 Datasheet
86Kb / 6P
BCZ 3.81/6/180F SN GN
1793090000 WEIDMULLER-1793090000 Datasheet
86Kb / 6P
BCZ 3.81/8/180F SN GN
1793100000 WEIDMULLER-1793100000 Datasheet
86Kb / 6P
BCZ 3.81/10/180F SN GN
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com