Electronic Components Datasheet Search
  English  ▼

X  

LM2507 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2507
Description  Low Power Mobile Pixel Link (MPL) Level 0, 16-bit CPU Display interface Serializer and Deserializer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2507 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM2507 Datasheet HTML 11Page - National Semiconductor (TI) LM2507 Datasheet HTML 12Page - National Semiconductor (TI) LM2507 Datasheet HTML 13Page - National Semiconductor (TI) LM2507 Datasheet HTML 14Page - National Semiconductor (TI) LM2507 Datasheet HTML 15Page - National Semiconductor (TI) LM2507 Datasheet HTML 16Page - National Semiconductor (TI) LM2507 Datasheet HTML 17Page - National Semiconductor (TI) LM2507 Datasheet HTML 18Page - National Semiconductor (TI) LM2507 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
LM2507 Features and Operation
(Continued)
On both the Master and the Slave, the PD* pin resets the
logic. The PD* pins should be held low until the power
supply has ramped up and is stable and within specifi-
cations.
Power Down and the use of the PD* Input - When the PD*
signal is asserted low, the entire chip regardless of mode,
powers down. A Low on the PD* input pin will power down
the entire device and turn off the line current to MD0, MD1,
and MC. In this state the following outputs are driven to:
Master CPU Mode:
INTR = Low
Slave CPU Mode:
DATAn = Low,
A/D = CS1* = CS2* = MF0 = MF1 = High
Multiple configurations for PowerDown are possible with the
chipset. These depend on the operating mode and configu-
ration chosen. Two possible applications are shown in Figure
16. In (A) both the Master and Slave provide a PD* input pin.
This can be connected together as shown or remotely driven
(i.e. a GPO signal from another device, assuming same
VDDIO level). However for proper MPL start up, the Slave
must be powered up at the same time or before the Master
device. Do not power up the Master first. In (B) two separate
control signals are used. Note that the Master should not be
powered up before the Slave.
Application Information
SYSTEM CONSIDERATIONS
When employing the MPL MST/SLV chipset in place of a
parallel bus, a few system considerations must be taken into
account. Before sending commands (i.e. initialization com-
mands) to the display, the MST/SLV must be ready to trans-
mit data across the link. The MPL link must be powered up,
and the PLL must be locked. Also a review of the Slave
output timing should be completed to insure that the timing
parameters provided by the Slave output meet the require-
ments of the LCD driver input. Specifically, pulse width on
RD* and WR*, data valid time, and bus cycle rate should be
reviewed and checked for inter-operability. Additional details
are provided next:
The MPL link should be started up as follows: The chipset
should be powered up first, V
DDIO must be powered up first,
or it may be at the same time as V
DD/VDDA. During power up,
the PD* inputs should be held Low and released once power
is stable and within specification. The Slave PD* may be
released first or at the same time as the Master. CLK should
be applied prior to releasing Master PD*.
Before data can be sent across the MPL serial link, the link
must be ready for transmission. The CLK needs to be ap-
plied to the device, and the MST PLL locked. This is con-
trolled by a keep-off counter set for 4096 cycles. After the
PLL has lock and the counter expired, an additional 540 MC
cycles are required for the start-up of the MPL link. After this,
data may now be written to the device.
It takes 5MC Cycles to send a 16-bit CPU Write including the
serial overhead. The MC cycle time is calculated based on
the PLL Multiplier of 4X and also the input clock frequency.
For example, a 19.2MHz input CLK and a 4X PLLCON
setting yields a MC frequency of 76.8MHz. Thus it takes
65.1ns to send the word in serial form. To allow some idle
time between transmissions (this will force a bit sync per
word if the gap is long enough in between), the load rate on
the Master input should not be faster than 6 MC cycles, or
every 78ns in our example to support a data pipe line. This is
sometimes referred to as the bus cycle time (the time be-
tween commands).
The Slave output times is also a function of MC cycles. Note
that in i80 mode, the width of the WR* pulse low is three MC
cycles regardless of the pulse width applied to the Master
input. System designers need to check compatibility with the
display driver to ensure this pulse width meets its require-
ment. If it is too fast, apply a lower input clock frequency.
The CLK input must be free running and not gapped.
20186032
FIGURE 15. Power Down Control Options
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com