Electronic Components Datasheet Search
  English  ▼

X  

LM2904WN Datasheet(PDF) 18 Page - STMicroelectronics

Part # LM2904WN
Description  Low power dual operational amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2904WN Datasheet(HTML) 18 Page - STMicroelectronics

Back Button LM2904WN Datasheet HTML 11Page - STMicroelectronics LM2904WN Datasheet HTML 12Page - STMicroelectronics LM2904WN Datasheet HTML 13Page - STMicroelectronics LM2904WN Datasheet HTML 14Page - STMicroelectronics LM2904WN Datasheet HTML 15Page - STMicroelectronics LM2904WN Datasheet HTML 16Page - STMicroelectronics LM2904WN Datasheet HTML 17Page - STMicroelectronics LM2904WN Datasheet HTML 18Page - STMicroelectronics LM2904WN Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
Revision history
LM2904W
18/19
7
Revision history
Table 8.
Document revision history
Date
Revision
Changes
1-Sep-2003
1
Initial release.
1-Jul-2005
2
PPAP references inserted in the datasheet see Section 6: Ordering information
on page 17.
ESD protection inserted in Table 1: Absolute maximum ratings (AMR) on
page 3.
1-Oct-2005
3
Correction of error in AVD min. value see Table 3 on page 4.
1-Dec-2005
4
LM2904WYPT PPAP reference added in Section 6: Ordering information on
page 17.
Information added in Table 1: Absolute maximum ratings (AMR) on page 3.
2-May-2006
5
Minimum value of slew rate at 25°C and in temperature added in Table 3 on
page 4.
20-Jul-2007
6
Power dissipation value corrected in Table 1: Absolute maximum ratings
(AMR).
ESD tolerance for HBM model improved to 2kV in Table 3 on page 4.
Equivalent input noise voltage parameter added in Table 3.
Electrical characteristics curves updated.
Added Figure 17: Phase margin vs capacitive load on page 8.
Section 5: Package information updated.
Section 4: Macromodel added.
18-Dec-2007
7
Reformatted electrical characteristics table, Table 3.
Deleted Vopp parameter in Table 3.
Corrected footnotes for automotive grade order codes in Table 7.
21-Feb-2008
8
Corrected SO-8 package mechanical data. Dimension E in drawing was
marked H in table.
Corrected revision history.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com