Electronic Components Datasheet Search
  English  ▼

X  

ISO7231ADWR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7231ADWR
Description  One Megabit per Second Triple Digital Isolators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7231ADWR Datasheet(HTML) 12 Page - Texas Instruments

Back Button ISO7231ADWR Datasheet HTML 8Page - Texas Instruments ISO7231ADWR Datasheet HTML 9Page - Texas Instruments ISO7231ADWR Datasheet HTML 10Page - Texas Instruments ISO7231ADWR Datasheet HTML 11Page - Texas Instruments ISO7231ADWR Datasheet HTML 12Page - Texas Instruments ISO7231ADWR Datasheet HTML 13Page - Texas Instruments ISO7231ADWR Datasheet HTML 14Page - Texas Instruments ISO7231ADWR Datasheet HTML 15Page - Texas Instruments ISO7231ADWR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
APPLICATION INFORMATION
1
2
3
4
5
6
7
8
ISO7230
9
10
11
12
13
14
15
16
NC
IN A
GND1
GND1
GND 2
GND2
IN B
IN C
OUT A
OUT C
OUT B
NC
0.1
F
m
V
CC1
20mm
max.from
V
CC1
20mm
max.from
V
CC2
V
CC2
0.1
F
m
EN
NC
LIFE EXPECTANCY vs WORKING VOLTAGE
10
100
0
250
500
750
1000
WORKINGVOLTAGE(VIORM)--V
VIORM at560-V
28 Years
880
120
ISO7230A
ISO7231A
SLLS906 – MAY 2008 ........................................................................................................................................................................................................ www.ti.com
Figure 9. Typical ISO7230 Application Circuit
Figure 10. Time Dependant Dielectric Breakdown Testing Results
12
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): ISO7230A ISO7231A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com