Electronic Components Datasheet Search
  English  ▼

X  

ACT2X6HRSMX Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACT2X6HRSMX
Description  a miniature surface mount Watch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT2X6HRSMX Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACT2X6HRSMX Datasheet HTML 1Page - Advanced Crystal Technology ACT2X6HRSMX Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
#REF!
http://www.actcrystals.com
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
ISO9001:2000 Registered
In line with our ongoing policy of product evolvement and improvement, the above specification may subject to change without notice
ACT2x6HRSMX
Soldering of the ACT2X6HRSMX
Reflow oven should be set up to emulate the maximum reflow profiles temperatures and times shown in the diagram below. Note it
is just as important to conform to the times specified l as the temperatures.
Pre-heat should not exceed 217°C and rate of heating from 25°C to 217°C should be limited to 4deg C/sec
Peak soldering temperature should not exceed 260°C.
Time at peak temperature should not exceed 10 seconds.
Total reflow time should not exceed 7 minutes.
Should it be required to solder the can to the PCB, then the area and volume of solder should be kept to an absolute minimum, and
trials should be conducted to determine if the re-flow process in use is satisfactory .
Wash Processes for Watch Crystals
Ultrasonic cleaning should be avoided.
Tel :
0044 (0)118 979 1238
Fax :
0044 (0)118 979 1283
email :
info@actcrystals.com
Issue: 2 C1b
Date: 10/10/06
2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com