Electronic Components Datasheet Search
  English  ▼

X  

LM2904WPT Datasheet(PDF) 3 Page - STMicroelectronics

Part # LM2904WPT
Description  Low power dual operational amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2904WPT Datasheet(HTML) 3 Page - STMicroelectronics

  LM2904WPT Datasheet HTML 1Page - STMicroelectronics LM2904WPT Datasheet HTML 2Page - STMicroelectronics LM2904WPT Datasheet HTML 3Page - STMicroelectronics LM2904WPT Datasheet HTML 4Page - STMicroelectronics LM2904WPT Datasheet HTML 5Page - STMicroelectronics LM2904WPT Datasheet HTML 6Page - STMicroelectronics LM2904WPT Datasheet HTML 7Page - STMicroelectronics LM2904WPT Datasheet HTML 8Page - STMicroelectronics LM2904WPT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
LM2904W
Absolute maximum ratings and operating conditions
3/19
2
Absolute maximum ratings and operating conditions
Table 1.
Absolute maximum ratings (AMR)
Symbol
Parameter
Value
Unit
VCC
Supply voltage (1)
+32
V
Vid
Differential input voltage(2)
-0.3V to VCC + 0.3
V
Vin
Input voltage
-0.3V to VCC + 0.3
V
Output short-circuit duration(3)
Infinite
s
Iin
Input current (4)
50
mA
Tstg
Storage temperature range
-65 to +150
°C
Tj
Maximum junction temperature
150
°C
Rthja
Thermal resistance junction to ambient(5)
SO-8
TSSOP8
DIP8
125
120
85
°C/W
Rthjc
Thermal resistance junction to case(5)
SO-8
TSSOP8
DIP8
40
37
41
°C/W
Tstg
Storage temperature range
-65 to +150
°C
ESD
HBM: human body model(6)
MM: machine model(7)
CDM: charged device model(8)
2000
200
1500
V
1.
All voltage values, except differential voltage are with respect to network ground terminal.
2.
Differential voltages are the non-inverting input terminal with respect to the inverting input terminal.
3.
Short-circuits from the output to VCC can cause excessive heating if VCC
+ > 15 V. The maximum output current is
approximately 40 mA, independent of the magnitude of VCC. Destructive dissipation can result from simultaneous short-
circuits on all amplifiers.
4.
This input current only exists when the voltage at any of the input leads is driven negative. It is due to the collector-base
junction of the input PNP transistor becoming forward biased and thereby acting as input diode clamps. In addition to this
diode action, there is also NPN parasitic action on the IC chip. This transistor action can cause the output voltages of the
Op-amps to go to the VCC voltage level (or to ground for a large overdrive) for the time during which an input is driven
negative. This is not destructive and normal output is restored for input voltages above -0.3 V.
5.
Short-circuits can cause excessive heating and destructive dissipation. Rth are typical values.
6.
Human body model: 100 pF discharged through a 1.5 k
Ω resistor between two pins of the device, done for all couples of pin
combinations with other pins floating.
7.
Machine model: a 200 pF cap is charged to the specified voltage, then discharged directly between two pins of the device
with no external series resistor (internal resistor < 5
Ω), done for all couples of pin combinations with other pins floating.
8.
Charged device model: all pins plus package are charged together to the specified voltage and then discharged directly to
the ground.
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
3 to 30
V
Vicm
Common mode input voltage range
Tmin ≤ Tamb ≤ Tmax
VCC
+ - 1.5
VCC
+ - 2
V
Toper
Operating free-air temperature range
-40 to +125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com