Electronic Components Datasheet Search
  English  ▼

X  

PD55025S-E Datasheet(PDF) 2 Page - STMicroelectronics

Part # PD55025S-E
Description  RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55025S-E Datasheet(HTML) 2 Page - STMicroelectronics

  PD55025S-E Datasheet HTML 1Page - STMicroelectronics PD55025S-E Datasheet HTML 2Page - STMicroelectronics PD55025S-E Datasheet HTML 3Page - STMicroelectronics PD55025S-E Datasheet HTML 4Page - STMicroelectronics PD55025S-E Datasheet HTML 5Page - STMicroelectronics PD55025S-E Datasheet HTML 6Page - STMicroelectronics PD55025S-E Datasheet HTML 7Page - STMicroelectronics PD55025S-E Datasheet HTML 8Page - STMicroelectronics PD55025S-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Contents
PD55025-E, PD55025S-E
2/22
Contents
1
Electrical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
1.1
Maximum ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
1.2
Thermal data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
2
Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
2.1
Static . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
2.2
Dynamic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
3
Impedance . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
4
Typical performance . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
5
Test circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
6
Circuit layout . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
7
Common source s-parameter . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
7.1
PD55025S (VDS = 12.5V ID = 500mA) . . . . . . . . . . . . . . . . . . . . . . . . . . 14
7.2
PD55025S (VDS = 12.5V ID = 1.5A) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
7.3
PD55025S (VDS = 12.5V ID = 3A) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
7.4
PD55025S (VDS = 13.8V IDS = 3A) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
8
Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
9
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com