Electronic Components Datasheet Search
  English  ▼

X  

PTH12000LAS Datasheet(PDF) 8 Page - Texas Instruments

Part # PTH12000LAS
Description  6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH12000LAS Datasheet(HTML) 8 Page - Texas Instruments

Back Button PTH12000LAS Datasheet HTML 4Page - Texas Instruments PTH12000LAS Datasheet HTML 5Page - Texas Instruments PTH12000LAS Datasheet HTML 6Page - Texas Instruments PTH12000LAS Datasheet HTML 7Page - Texas Instruments PTH12000LAS Datasheet HTML 8Page - Texas Instruments PTH12000LAS Datasheet HTML 9Page - Texas Instruments PTH12000LAS Datasheet HTML 10Page - Texas Instruments PTH12000LAS Datasheet HTML 11Page - Texas Instruments PTH12000LAS Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Application Notes continued
For technical support and further information visit http://power.ti.com
PTH12000 Series
Table 1-1: Input/Output Capacitors
[1] The voltage rating of this capacitor only allows it to be used for output voltages that are equal to or less than 5.1 V
[2] N/R –Not recommended. The capacitor voltage rating does not meet the minimum derated operating limits.
[3] A ceramic capacitor may be used to complement electrolytic types at the input to further reduce high-frequency ripple current.
e
p
y
T
/
r
o
d
n
e
V
r
o
t
i
c
a
p
a
C
)
e
l
y
t
S
(
s
e
i
r
e
S
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
r
o
t
i
c
a
p
a
Cy
t
i
t
n
a
u
Q
r
e
b
m
u
N
r
o
d
n
e
V
g
n
i
k
r
o
W
e
g
a
t
l
o
V
)
F
µ
(
e
u
l
a
VR
S
E
.
x
a
M
z
H
k
0
0
1
@
e
l
p
p
i
R
.
x
a
M
C
°
5
8
t
a
)
s
m
r
I
(
t
n
e
r
r
u
C
e
z
i
S
l
a
c
i
s
y
h
P
)
m
m
(
t
u
p
n
I
s
u
B
t
u
p
t
u
O
s
u
B
m
u
n
i
m
u
l
A
,
c
i
n
o
s
a
n
a
P
)
l
a
i
d
a
R
(
C
F
)
D
M
S
(
K
F
V
5
2
V
5
3
V
5
2
F
μ
0
3
3
F
μ
0
8
1
F
μ
0
7
4
0
9
0
.
0
Ω
0
9
0
.
0
Ω
0
8
0
.
0
Ω
A
m
5
5
7
A
m
5
5
7
A
m
0
5
8
0
1
× 5
.
2
1
0
1
× 5
.
2
1
0
1
× 2
.
0
1
1
1
1
1
1
1
1
3
3
E
1
C
F
U
E
E
1
8
1
V
1
C
F
U
E
E
P
1
7
4
E
1
K
F
V
E
E
n
o
c
-
i
m
e
h
C
d
e
t
i
n
U
)
D
M
S
(
m
u
n
i
m
u
l
A
-
y
l
o
P
,
A
X
P
)
l
a
i
d
a
R
(
n
o
c
-
s
O
,
P
F
)
l
a
i
d
a
R
(
n
o
c
-
s
O
,
S
F
)
l
a
i
d
a
R
(
m
u
n
i
m
u
l
A
,
Z
X
L
V
6
1
V
0
2
V
0
2
V
5
3
F
μ
0
5
1
F
μ
0
2
1
F
μ
0
0
1
F
μ
0
2
2
6
2
0
.
0
Ω
4
2
0
.
0
Ω
0
3
0
.
0
Ω
0
9
0
.
0
Ω
A
m
0
3
4
3
A
m
0
0
1
3
A
m
0
4
7
2
A
m
0
6
7
0
1
× 7
.
7
8
× 5
.
0
1
8
× 5
.
0
1
0
1
× 5
.
2
1
1
1
1
1
≤4
≤4
≤4
1
P
T
0
8
J
M
1
5
1
C
V
6
1
A
X
P
G
M
0
2
1
P
F
0
2
M
0
0
1
S
F
0
2
L
L
2
1
X
0
1
M
1
2
2
B
V
5
3
Z
X
L
m
u
n
i
m
u
l
A
n
o
c
i
h
c
i
N
)
l
a
i
d
a
R
(
,
D
H
)
l
a
i
d
a
R
(
,
M
P
V
5
2
V
5
3
F
μ
0
2
2
F
μ
0
2
2
2
7
0
.
0
Ω
0
9
0
.
0
Ω
A
m
0
6
7
A
m
0
7
7
8
× 5
.
1
1
0
1
× 5
1
1
1
1
1
R
P
M
1
2
2
E
1
D
H
U
6
H
H
M
1
2
2
V
1
M
P
U
:
m
u
n
i
m
u
l
A
-
y
l
o
P
,
c
i
n
o
s
a
n
a
P
)
D
M
S
(
A
W
)
D
M
S
(
E
S
/
S
V
6
1
V
3
.
6
F
μ
0
0
1
F
μ
0
8
1
9
3
0
.
0
Ω
5
0
0
.
0
Ω
A
m
0
0
5
2
A
m
0
0
0
4
8
× 9
.
6
3
.
7
× 3
.
4
× 2
.
4
1
R
/
N
2
[]
≤5
≤1 ]1
[
P
1
0
1
C
1
A
W
F
E
E
R
1
8
1
J
0
E
S
F
E
E
V
( o ≤≤≤≤≤
)
V
1
.
5
o
y
n
a
S
)
D
M
S
(
n
o
c
-
s
O
,
P
V
S
)
l
a
i
d
a
R
(
n
o
c
-
s
O
,
P
S
)
D
M
S
(
p
a
c
C
-
s
o
P
,
E
P
T
V
0
2
V
0
2
V
0
1
F
μ
0
0
1
F
μ
0
2
1
F
μ
0
2
2
4
2
0
.
0
Ω
4
2
0
.
0
Ω
5
2
0
.
0
Ω
A
m
0
0
3
3
>
A
m
0
0
1
3
>
A
m
0
0
4
2
>
8
× 2
1
8
× 5
.
0
1
3
.
7
× 7
.
5
1
1
1
≤4
≤4
≤4
M
0
0
1
P
V
S
0
2
M
0
2
1
P
S
0
2
L
M
0
2
2
E
P
T
0
1
)
D
M
S
(
S
P
T
m
u
l
a
t
n
a
T
,
X
V
AV
0
1
V
0
1
V
5
2
F
μ
0
0
1
F
μ
0
2
2
F
μ
8
6
0
0
1
.
0
Ω
0
0
1
.
0
Ω
5
9
0
.
0
Ω
A
m
0
9
0
1
>
A
m
4
1
4
1
>
A
m
1
5
4
1
>
L
3
.
7
× W
3
.
4
× H
1
.
4
R
/
N
2
[]
R
/
N
2
[]
2
≤5
≤5
≤5
0
0
1
0
R
0
1
0
M
7
0
1
D
S
P
T
0
0
1
0
R
0
1
0
M
7
2
2
V
S
P
T
5
9
0
0
R
5
2
0
M
6
8
6
V
S
P
T
t
e
m
e
K
)
D
M
S
(
t
n
a
T
-
y
o
P
,
0
2
5
T
)
D
M
S
(
m
u
l
a
t
n
a
T
,
5
9
4
T
V
0
1
V
0
1
F
μ
0
0
1
F
μ
0
0
1
0
8
0
.
0
Ω
0
0
1
.
0
Ω
A
m
0
0
2
1
A
m
0
0
1
1
>
L
3
.
7
× W
7
.
5
× H
0
.
4
R
/
N
2
[]
R
/
N
]
2
[
5
≤
5
≤
S
A
0
1
0
M
7
0
1
D
0
2
5
T
S
A
0
1
0
M
7
0
1
X
5
9
4
T
e
u
g
a
r
p
S
-
y
a
h
s
i
V
)
D
M
S
(
m
u
l
a
t
n
a
T
,
D
4
9
5
)
l
a
i
d
a
R
(
c
i
n
a
g
r
O
,
P
S
4
9
V
0
1
V
5
2
V
6
1
F
μ
0
5
1
F
μ
8
6
F
μ
0
0
1
0
9
0
.
0
Ω
5
9
0
.
0
Ω
0
7
0
.
0
Ω
A
m
0
0
1
1
A
m
0
0
6
1
A
m
0
9
8
2
L
3
.
7
× W
0
.
6
× H
1
.
4
0
1
× 5
.
0
1
R
/
N
]
2
[
2
1
5
≤
5
≤
5
≤
T
2
C
0
1
0
0
X
7
5
1
D
4
9
5
T
2
R
5
2
0
0
X
6
8
6
D
4
9
5
P
B
F
6
1
0
0
X
7
0
1
P
S
4
9
)
D
M
S
(
R
5
X
c
i
m
a
r
e
C
,
t
e
m
e
KV
6
1
V
3
.
6
0
1F
μ
7
4F
μ
2
0
0
.
0
Ω
2
0
0
.
0
Ω
—e
s
a
c
0
1
2
1
m
m
5
2
2
3
1 ]
3
[
R
/
N
]
2
[
≤5
≤5 ]1
[
C
A
P
4
M
6
0
1
C
0
1
2
1
C
C
A
P
9
K
6
7
4
C
0
1
2
1
C
V
( o ≤≤≤≤≤
)
V
1
.
5
)
D
M
S
(
R
5
X
c
i
m
a
r
e
C
,
a
t
a
r
u
MV
3
.
6
V
3
.
6
V
6
1
V
6
1
0
0
1F
μ
7
4F
μ
2
2F
μ
0
1F
μ
2
0
0
.
0
Ω
—e
s
a
c
0
1
2
1
m
m
5
2
2
3
R
/
N
]
2
[
R
/
N
]
2
[
1 ]
3
[
1 ]
3
[
3
≤
]
1
[
≤5 ]1
[
≤5
≤5
M
7
0
1
J
0
6
R
E
2
3
M
R
G
V
( o ≤≤≤≤≤
)
V
1
.
5
M
6
7
4
J
0
6
R
E
2
3
M
R
G
V
( o ≤≤≤≤≤
)
V
1
.
5
K
6
2
2
C
1
6
R
E
2
3
M
R
G
K
6
0
1
C
1
6
R
D
2
3
M
R
G
)
D
M
S
(
R
5
X
c
i
m
a
r
e
C
,
K
D
TV
3
.
6
V
3
.
6
V
6
1
V
6
1
0
0
1F
μ
7
4F
μ
2
2F
μ
0
1F
μ
2
0
0
.
0
Ω
—e
s
a
c
0
1
2
1
m
m
5
2
2
3
R
/
N
]
2
[
R
/
N
]
2
[
1 ]
3
[
1 ]
3
[
3
≤
]
1
[
≤5 ]1
[
≤5
≤5
T
M
7
0
1
J
0
R
5
X
5
2
2
3
C
V
( o ≤≤≤≤≤
)
V
1
.
5
T
M
6
7
4
J
0
R
5
X
5
2
2
3
C
V
( o ≤≤≤≤≤
)
V
1
.
5
T
M
6
2
2
C
1
R
5
X
5
2
2
3
C
T
M
6
0
1
C
1
R
5
X
5
2
2
3
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com