Electronic Components Datasheet Search
  English  ▼

X  

ACT2X6LCSMX Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACT2X6LCSMX
Description  a miniature surface mount Watch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT2X6LCSMX Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACT2X6LCSMX Datasheet HTML 1Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Parameter
Symbol
Specification
Options
Nominal Frequency
fo
32.768KHz
Frequency Tolerance @25°C
Δf/fo
±20~100ppm @25°C
Please specify
Frequency v Temperature
Δf/fo
Please refer to plot on page 2
Temp Operating Range
Topr
-40 ~ +85°C
Turnover Temperature
Tm
25°C ±5°C
Temperature Coefficient
β
-0.037ppm / °C
2 Typical
Temp Storage Range
Tstg
-55 ~ +125°C
Equivalent Series Resistance
ESR
40K
Ω max
Quality Factor
Q
60K Typical
Load Capacitance
CL
12.5pF standard (6pF to 12.5pF available)
Please specify
Shunt Capacitance
C0
1.4+/-0.2pF
Capacitance Ratio
C0/1
450 Typical
Motional Capacitance
C1
0.003pF Typical
Drive Level
DL
1
μ W max
Insulation Resistance
IR
500M
Ω @ 100VDC min
Aging
Fa
±5ppm max First year, 25±3°C
3ppm max available
Max Reflow temperature
Tmax
235°C for 4 seconds
Refer to page 2
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
Customer to specify : Frequency Tolerance, Load Capacitance
In line with our ongoing policy of product evolvement and improvement, the above specification may subject to change without notice
ISO9001:2000 Registered
Specification
Solder Footprint
.
The ACT2x6LCSMX is a miniature surface mount Watch Crystal in a
cylindrical package offering high vibration and shock resistance together
with high stability. This device is very suitable for portable
equipment/hand held units and applications that require close packing
density of components.
http://www.actcrystals.com
ACT2x6LCSMX
Please note that all parameters can not necessarily be specified in the same device
Tel :
0044 (0)118 979 1238
Fax :
0044 (0)118 979 1283
email :
info@actcrystals.com
Issue : 5 C1b
Date : 11/04/06
Lead Surface Material
SnCu
1 of 3


Similar Part No. - ACT2X6LCSMX

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT2X6 ACT-ACT2X6 Datasheet
82Kb / 1P
Watch Crystal
03-10-07
ACT2X6HRSMX ACT-ACT2X6HRSMX Datasheet
185Kb / 2P
a miniature surface mount Watch
10/10/06
More results

Similar Description - ACT2X6LCSMX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ACT201 ETC2-ACT201 Datasheet
132Kb / 2P
miniature surface mount Watch Crystal whose low power
logo
Advanced Crystal Techno...
ACT2X6HRSMX ACT-ACT2X6HRSMX Datasheet
185Kb / 2P
a miniature surface mount Watch
10/10/06
ACT90 ACT-ACT90 Datasheet
290Kb / 4P
miniature surface mount Watch Crystal
16/06/05
ACT201 ACT-ACT201 Datasheet
132Kb / 2P
miniature surface mount Watch Crystal
17/08/04
ACT4115 ACT-ACT4115 Datasheet
217Kb / 2P
miniature surface mount, high density Watch Crystal
08/03/2007
ACTJ206SMX ACT-ACTJ206SMX Datasheet
295Kb / 2P
miniature surface mount Watch Crystal in a cylindrical
23/03/07
logo
Fox Electronics
FSP FOX-FSP Datasheet
78Kb / 1P
ULTRA MINIATURE SURFACE MOUNT WATCH CRYSTAL
logo
Advanced Crystal Techno...
ACT3215A ACT-ACT3215A_12 Datasheet
212Kb / 3P
miniature surface mount high density Watch Crystal
23/07/2012
ACT4115A ACT-ACT4115A Datasheet
281Kb / 3P
miniature surface mount high density Watch Crystal
11-2-2013
ACTJ206SMX ACT-ACTJ206SMX_12 Datasheet
183Kb / 3P
miniature surface mount Watch Crystal in a cylindrical
31-05-2012
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com