Electronic Components Datasheet Search
  English  ▼

X  

STA1052S1 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STA1052S1
Description  DSP/MCU system for CD-DA, CD-CA, CD-ROM player
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1052S1 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STA1052S1 Datasheet HTML 3Page - STMicroelectronics STA1052S1 Datasheet HTML 4Page - STMicroelectronics STA1052S1 Datasheet HTML 5Page - STMicroelectronics STA1052S1 Datasheet HTML 6Page - STMicroelectronics STA1052S1 Datasheet HTML 7Page - STMicroelectronics STA1052S1 Datasheet HTML 8Page - STMicroelectronics STA1052S1 Datasheet HTML 9Page - STMicroelectronics STA1052S1 Datasheet HTML 10Page - STMicroelectronics STA1052S1 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
STA1052
Pin description
7/14
27
FE_B
OPU B input
analog in
27
28
FE_D
OPU D input
analog in
28
29
FE_E
OPU E input
analog in
29
30
FE_F
OPU F input
analog in
30
31
FE_VDDA33S
3.3 V analog for servo channels/ 3.3 V
for AFE pad ring (decoupling cap to
Vssa)
VDD
31
32
FE_VDDPAD1
3.3V for AFE pad ring
VDD
32
33
FE_ADCIN1
General purpose ADC input 1
analog in
33
34
FE_ADCIN2
General purpose ADC input 2
analog in
34
35
FE_VREF_ADC
General purpose ADC Vtop reference
output
analog out
35
36
FE_VREF
External Vref pickup (decoupling cap 1
nF)
analog out
36
37
FE_VDDA33R
Analog 3.3 V for bandgap
VDD
37
38
FE_CEXT
External cap for bandgap (1 nF)
analog
38
39
FE_REXT
External res for bandgap (25 kOhm)
analog
39
40
FE_VSSA33R
Analog ground bandgap
Vss
40
41
FE_MD_LAS
Laser driver input from monitor diode
analog in
41
42
FE_CAP_LAS
Laser driver compensation cap (30 nF)
analog
42
43
FE_LD_LAS
First laser driver output
analog out
43
44
FE_LD1_LAS
Second laser driver output
analog out
44
45
FE_VDDPAD2
3.3 V for AFE pad ring
VDD
45
46
FE_VDDA33T
Analog 3.3 V for test buffer
VDD
46
47
FE_TESTP
Test buffer positive output
analog out
47
48
FE_TESTN
Test buffer negative output
analog out
48
49
FE_VSSA33T
Analog ground test buffer
VSS
49
50
FE_VDDA18AD
Analog 1.8 V ADC
VDD
50
51
FE_VSSA18AD
Analog ground ADC
VSS
51
52
VSS
Core VSS ground
VSS
52
53
RESETN
Hardware reset input (pull-up)
in, schmitt, 3.3 V
53
54
TESTEN
Test enable signal (active low)
in, 3.3V
54
55
FFSR
Focusing actuator control signal output -
PDM
Out, 3.3 V, 4 mA
55
56
REFFSR
Clock (50% duty cycle) for actuator
PDM reference
Out, 3.3 V, 2 mA
56
Table 2.
Pin List (continued)
N°
Name
Description
Pin type
LQFP144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com