Electronic Components Datasheet Search
  English  ▼

X  

CSP56LM Datasheet(PDF) 3 Page - Clarke International

Part # CSP56LM
Description  SELF PROPELLED LAWNMOWER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CSP56LM Datasheet(HTML) 3 Page - Clarke International

  CSP56LM Datasheet HTML 1Page - Clarke International CSP56LM Datasheet HTML 2Page - Clarke International CSP56LM Datasheet HTML 3Page - Clarke International CSP56LM Datasheet HTML 4Page - Clarke International CSP56LM Datasheet HTML 5Page - Clarke International CSP56LM Datasheet HTML 6Page - Clarke International CSP56LM Datasheet HTML 7Page - Clarke International CSP56LM Datasheet HTML 8Page - Clarke International CSP56LM Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
3
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
SPECIFICATION
Model
CSP56LM
Part number
2345686
Dimensions L x W x D
1520 x 550 x 1050 mm
Weight (empty)
35 kg
Engine
SRV225 (Euro V)
Engine capacity
224 cc
Power
4.4 kW
Speed of rotation
3600 rpm
Fuel type
Petrol
Oil capacity & type
0.45L (SAE 10W/30)
Fuel tank capacity
1.2 L
Fuel consumption (max rpm)
1.4 L/hr
Running time @75% load
1 hr 8 min (calculated)
Spark plug type
F7RTC
Width of cut
56cm
Cutting height range
25-75mm (7 adjustments)
Collection capacity
65L
Drive speed
1m/s
Rounded sound power level
98 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com