Electronic Components Datasheet Search
  English  ▼

X  

CLS405 Datasheet(PDF) 13 Page - Clarke International

Part # CLS405
Description  405MM CIRCULAR LOGSAW
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CLS405 Datasheet(HTML) 13 Page - Clarke International

Back Button CLS405 Datasheet HTML 9Page - Clarke International CLS405 Datasheet HTML 10Page - Clarke International CLS405 Datasheet HTML 11Page - Clarke International CLS405 Datasheet HTML 12Page - Clarke International CLS405 Datasheet HTML 13Page - Clarke International CLS405 Datasheet HTML 14Page - Clarke International CLS405 Datasheet HTML 15Page - Clarke International CLS405 Datasheet HTML 16Page - Clarke International CLS405 Datasheet HTML 17Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
13
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
INNER SAW BLADE COVER
Slide the shaft through the centre
hole of the inner saw blade cover and
align its other holes with those on the
motor plate as Fig F. Secure it with
three M8 x 20 bolts, washers and lock
nuts on the upper side and one M8 x
45 bolt, washer and lock nut on the
lower.
SAW BLADE
Slide the rear saw blade retaining
disc onto the motor shaft. Place the
saw blade together with the front
retaining disc onto the shaft and
touching the rear disc. Secure it with
the nut M20 as Fig G, step 1.
NOTE: The arrow on the blade
must point in the direction
of the operating side.
NOTE: The teeth must point in the
direction of rotation as
shown when viewed from
the exposed side.
Tighten the nut using the saw blade
wrench by turning it clockwise. Hold
the front retaining disc with the face
wrench as in Fig G, steps 2 & 3.
Never use a cracked, blunt or
otherwise damaged blade.
Ensure the blade is rated at least
equal to the speed/performance of
the machine.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com